Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1DDB4 Datasheet(PDF) 2 Page - Schneider Electric

Part # GS1DDB4
Description  TeSys GS - switch-disconnector-fuse - 3 P N - BS - 32 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GS1DDB4 Datasheet(HTML) 2 Page - Schneider Electric

  GS1DDB4 Datasheet HTML 1Page - Schneider Electric GS1DDB4 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
[Icm] rated short-circuit making
capacity
80 kA at 400 V with protection by gG fuses
Breaking capacity
256 A at 400 V (AC-23B)
Short-circuit withstand
5.5 kA
Mechanical durability
20000 cycles
Electrical durability
1500 cycles AC-23A
1500 cycles AC-23B
300 cycles DC-23A
300 cycles DC-23B
Connections - terminals
Power circuit: screw-clamp terminals2.5…16 mm² flexible
Tightening torque
Power circuit: 3 N.m - on screw-clamp terminals
Environment
Standards
IEC 60947-3
Product certifications
CE
Protective treatment
TH
IP degree of protection
IP20 conforming to IEC 60529 (with terminal cover)
Ambient air temperature for operation
-20…70 °C
Ambient air temperature for storage
-40…80 °C
Fire resistance
960 °C body conforming to IEC 60695-2-1
Height
98 mm
Width
96 mm
Depth
112 mm
Net weight
0.54 kg
Offer Sustainability
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com