Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GV4LE80S Datasheet(PDF) 2 Page - Schneider Electric

Part # GV4LE80S
Description  TeSys GV4 - magnetic circuit breaker - 80A 3P - with EverLink
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV4LE80S Datasheet(HTML) 2 Page - Schneider Electric

  GV4LE80S Datasheet HTML 1Page - Schneider Electric GV4LE80S Datasheet HTML 2Page - Schneider Electric GV4LE80S Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
37 kW at 660...690 V AC 50/60 Hz
45 kW at 500 V AC 50/60 Hz
45 kW at 660...690 V AC 50/60 Hz
55 kW at 500 V AC 50/60 Hz
55 kW at 660...690 V AC 50/60 Hz
[Uimp] rated impulse withstand voltage
8 kV according to IEC 60947-2
[Ui] rated insulation voltage
800 V according to IEC 60947-2
Mounting mode
By clips
By screws
Mounting support
75 mm symmetrical DIN rail
Plate
35 mm symmetrical DIN rail
Suitability for isolation
Yes according to IEC 60947-1
Mechanical durability
40000 cycles
Electrical durability
14000 cycles for AC-3 at 440 V In/2
7000 cycles for AC-3 at 440 V In
Local signalling
Green flag for presence of auxiliary contacts
Number of slots
1 slot(s) for alarm switch fault signalling contact (plug-in)
1 slot(s) for voltage release electrical remote tripping (plug-in)
1 slot(s) for auxiliary switch open/close contact (plug-in)
Connection pitch
27 mm
Connections - terminals
EverLink BTR screw connectors - location: top socket 1 cable(s) 1.5...70 mm² (solid)
EverLink BTR screw connectors - location: top socket 1 cable(s) 1.5...50 mm² (flexible)
EverLink BTR screw connectors - location: bottom socket 1 cable(s) 2.5...95 mm² (solid)
EverLink BTR screw connectors - location: bottom socket 1 cable(s) 2.5...70 mm² (flexible)
Tightening torque
9 N.m for 16...95 mm²
5 N.m for 1.5...10 mm²
Wire stripping length
20 mm
Quality labels
CE
Standards
EN/IEC 60947-4-1
EN/IEC 60947-2
Height
155 mm
Width
81 mm
Depth
116 mm
Product weight
1.5 kg
Colour
Grey RAL 7016
Environment
Product certifications
IEC
Tropicalisation
2 according to IEC 68-2
IP degree of protection
IP40 (front face) according to IEC 60529
IK degree of protection
IK07 according to IEC 62262
Pollution degree
3 according to IEC 60947-1
Mechanical robustness
Shocks 15 Gn for 11 ms according to IEC 60068-2-27
Vibrations +/- 1 mm for 2...13.2 Hz according to IEC 60068-2-6
Vibrations 0.7 gn for 13.2...100 Hz according to IEC 60068-2-6
Ambient air temperature for operation
-25...70 °C
Ambient air temperature for storage
-50...85 °C
Operating altitude
> 2000...5000 m with derating
2000 m without derating
Offer Sustainability
Sustainable offer status
Green Premium product
RoHS (date code: YYWW)
Compliant  - since  1736  -  Schneider Electric declaration of conformity
Schneider Electric declaration of conformity
REACh
Reference not containing SVHC above the threshold
Reference not containing SVHC above the threshold
Product environmental profile
Available



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com