Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSO-016T-49.152 Datasheet(PDF) 1 Page - Crystek Corporation

Part # CSO-016T-49.152
Description  5X7 mm SMD, 5V, HCMOS/TTL Clock Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CSO-016T-49.152 Datasheet(HTML) 1 Page - Crystek Corporation

  CSO-016T-49.152 Datasheet HTML 1Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TD-021002 Rev. E
PWR
Supply
mA
M
VM
OSC.
pin 1
pin 4
pin 2
pin 3
Bypass
Cap.
O/P Load
incl Probe Cl
OUT
High Impedance
GND or "LOW"
Oscillation
OPEN or "HIGH"
GND
OUT
Vdd
SUGGESTED PAD LAYOUT
.071 SQ
(1.80)
.165
(4.19)
.200
(5.08)
.075 Max
(1.80)
.283 Max
(7.20)
.204 Max
(5.02)
P/N
Freq DC
All dimensions are Max unless otherwise specified.
Dimensions inches (mm)
.045 ±.008
(1.14 ±.20)
.200 ±.005
(5.08 ±.13)
#1
#3
#2
#4
.040 ±.003
(1.02 ±.08)
Denotes pad 1
0.01uF Bypass Capacitor Recommended
Specifications subject to change without notice.
Aging:
Designed to meet today's
requirements for economical
5V applications. Available on
16mm tape and reel in
quantities of 1K.
5X7 mm SMD,
5V, HCMOS/TTL
CSO-016T Model
Function pin 1
Output pin
Open
"1" level 2.4V Min
"0" level 0.4V Max
Active
Active
High Z
Tri-State Function
1.544MHz to 106.25MHz
±25ppm to ±100ppm
0°C to 70°C
-20°C to 70°C
-40°C to 85°C
-55°C to 120°C
5V ± 0.5V
45mA Max
HCMOS/TTL
40/60% Max @ 50% Vdd
45/55% Max @ 50% Vdd
10ns Max @ 20/% to 80% Vdd
"0" = 10% Vdd Max
"1" = 90% Vdd Min
15pF/10 TTL Max
Frequency Range:
Frequency Stability:
Temperature Range:
Operating:
(Option M)
(Option X)
Storage:
Input Voltage:
Input Current:
Output:
Symmetry:
(Option Y)
Rise/Fall Time:
Logic:
Load:
Blank (std)
± 100ppm
25
± 25ppm
50
± 50ppm
Stability Indicator
Table 1
CSO-016T X Y- 25 - 49.152
Crystek Part Number Guide
#1 Crystek Clock Osc.
#2 Model
#3 Temp. Range: Blank= 0/70°C, M= -20/70°C, X= -40/85°C
#4 Symmetry: Blank=(40/60), Y=(45/55)
#5 Stability: (see Table 1)
#6 Frequency in MHz: 3 or 6 decimal places
#1
#2
#5
#3 #4
#6
Example:
CSO-016TXY-25-25.000 = 5V Tristate, -40/85°C, 45/55, 25ppm, 25.000 MHz
CSO-016T-50-19.660800 = 5V Tristate, 0/70, 40/60, 50ppm, 19.660800 MHz
<3ppm 1st/yr, 1ppm every year thereafter
8
Clock Oscillator
Le
ad
Fre
e
Ro
HS
Co
mp
lian
t
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature
Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.


Similar Part No. - CSO-016T-49.152

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CSO-016T CRYSTEKCRYSTAL-CSO-016T_15 Datasheet
65Kb / 1P
5횞7 mm SMD, 5.0V, HCMOS/TTL
More results

Similar Description - CSO-016T-49.152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S1800 ETC1-S1800 Datasheet
114Kb / 2P
Crystal Clock Oscillator 3.3 & 5V, HCMOS, TTL, SMD
logo
MTRONPTI
M2180 MTRONPTI-M2180 Datasheet
262Kb / 1P
5x7 mm, 1.8 Volt, HCMOS/TTL, Clock Oscillator
M2250 MTRONPTI-M2250 Datasheet
271Kb / 1P
5x7 mm, 2.5 Volt, HCMOS/TTL, Clock Oscillator
M113FAN MTRONPTI-M113FAN Datasheet
274Kb / 2P
5x7 mm, 5.0 Volt, HCMOS/TTL, Clock Oscillator
M213FAN MTRONPTI-M213FAN Datasheet
283Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M2250 MTRONPTI-M2250_07 Datasheet
284Kb / 2P
5x7 mm, 2.5 Volt, HCMOS/TTL, Clock Oscillator
logo
Crystek Corporation
CSO-018T CRYSTEKCRYSTAL-CSO-018T Datasheet
111Kb / 1P
Clock Oscillator 5X7 mm SMD, 3.3V, HCMOS
Y32XX CRYSTEKCRYSTAL-Y32XX Datasheet
202Kb / 1P
Clock Oscillator 9X14 mm SMD, 5V, HCMOS/TTL
logo
MTRONPTI
M2 MTRONPTI-M2_08 Datasheet
456Kb / 2P
5x7 mm, 3.3 Volt, HCMOS/TTL Compatible Output, Clock Oscillator
M2250 MTRONPTI-M2250 Datasheet
408Kb / 2P
5x7 mm, 2.5 Volt, HCMOS/TTL, Clock Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com