Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C13253_TINA2-R-CLIP16 Datasheet(PDF) 6 Page - Intelligent LED Solutions

Part # C13253_TINA2-R-CLIP16
Description  1 OSLON® Square Uniform White PowerStars CRI90
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILS [Intelligent LED Solutions]
Direct Link  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions

C13253_TINA2-R-CLIP16 Datasheet(HTML) 6 Page - Intelligent LED Solutions

  C13253_TINA2-R-CLIP16 Datasheet HTML 1Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 2Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 3Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 4Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 5Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 6Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 7Page - Intelligent LED Solutions C13253_TINA2-R-CLIP16 Datasheet HTML 8Page - Intelligent LED Solutions  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.i-led.co.uk
Intelligent LED Solutions, Unit 2, Berkshire Business Centre, Berkshire Drive, Thatcham, Berkshire, RG19 4EW
Telephone: +44 (0)1635 294606 Email: info@i-led.co.uk Website: www.i-led.co.uk
A division of Intelligent Group Solutions Ltd
6
OSLON Square Uniform 1 PowerStar Power Supply Options
ILS has a comprehensive range of standard Power Supplies. The table below shows the total number of ILS products
each Power Supply can drive.
Additional Power Supplies are being introduced so please call us or check our website for the latest offering.
ILS Driver Part No.
Rating Watts
Current
LED Driver
Forward Voltage
IZC035-008F-5065C-SA
8W
350mA
3-36V
IZC035-017F-0067A-SA
17W
350mA
6-48V
IZC035-018T-9500A-SX
18W
350mA
15-52V
IZC050-018T-9500A-SX
18W
500mA
9-36V
IZC070-018T-9500A-SX
18W
700mA
6-26V
IZC070-035F-0067C-SA
35W
700mA
9-48V
IZC045-040A-9266C-SA
40W
450mA
30-89V
IZC095-040M-9067C-SAL
40W
950mA
25.2-42V
IZCVAR-040M-9020C-SAL
40W
350mA, 500mA,
600mA, 700mA,
900mA, 1050mA
350mA 2-100V, 500mA
2-80V, 600mA 2-67V, 700mA
2-57V,900mA 2-45V, 1050mA
2-40V
OT-FIT-30/220-240/700-CS-G2
30W
500-700mA
23-42V
OT-FIT-40/220-240/1A0-LT2-LP
40W
500-1050mA
15-50V
OTE-10/220-240/700-PC
10W
700mA
7-14V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com