Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBN09020 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN09020
Description  90MHz IF SAW Filter 24MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09020 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN09020 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09020 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09020 Datasheet HTML 3Page - SIPAT Co,Ltd LBN09020 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09020
Rev. Date
2007-06-27
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
90MHz IF SAW Filter
24MHz Bandwidth
Part Number: LBN09020
Typical Performance
Frequency Respond
Passband Respond
65
70
75
80
85
90
95
100
105
110
115
-119.877
-109.877
-99.877
-89.877
-79.877
-69.877
-59.877
-49.877
-39.877
-29.877
-19.877
Type Performance
Frequency(MHz)
3dB CF = 90.0577MHz
1.5dB = 24.0967MHz
3dB = 24.2044MHz
30dB = 24.7879MHz
40dB = 24.8821MHz
Insert Los s = -29.877dB
Passband Ripple = 1.2406dB
Ultimate Rejection = 52.3997dB
Group Delay = 79.0142ns
Phase Linearity = 3.4653deg
Absolute Delay = 3732.0219ns
Horizontal: 5MHz/Div
Vertical: 10dB/Div
65
70
75
80
85
90
95
100
105
110
115
-32.377
-31.877
-31.377
-30.877
-30.377
-29.877
-29.377
-28.877
-28.377
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±10MHz)
Phase Linearity(f0±10MHz)
65
70
75
80
85
90
95
100
105
110
115
3500
3550
3600
3650
3700
3750
3800
3850
3900
X: 90
Y: 3739
Type Performance
Frequency(MHz)
X: 80
Y: 3757
X: 100
Y: 3733
Horizontal: 5MHz/Div
Vertical: 50ns/Div
65
70
75
80
85
90
95
100
105
110
115
-20
-15
-10
-5
0
5
10
15
X: 90
Y: -0.4032
Type Performance
Frequency(MHz)
X: 100
Y: 3.731
X: 80
Y: 1.255
Horizontal: 5MHz/Div
Vertical: 5deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com