Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-CM407F Datasheet(PDF) 13 Page - Analog Devices

Part # ADSP-CM407F
Description  Mixed-Signal Control Processor with ARM Cortex-M4 and 16-Bit ADCs
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-CM407F Datasheet(HTML) 13 Page - Analog Devices

Back Button ADSP-CM407F Datasheet HTML 9Page - Analog Devices ADSP-CM407F Datasheet HTML 10Page - Analog Devices ADSP-CM407F Datasheet HTML 11Page - Analog Devices ADSP-CM407F Datasheet HTML 12Page - Analog Devices ADSP-CM407F Datasheet HTML 13Page - Analog Devices ADSP-CM407F Datasheet HTML 14Page - Analog Devices ADSP-CM407F Datasheet HTML 15Page - Analog Devices ADSP-CM407F Datasheet HTML 16Page - Analog Devices ADSP-CM407F Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 124 page
background image
Rev. A
|
Page 13 of 124
|
November 2015
ADSP-CM402F/CM403F/CM407F/CM408F/CM409F
The GP counter can also support a programmable M/N fre-
quency scaling of the CNT_CUD and CNT_CDG pins onto
output pins in quadrature encoding mode.
Internal signals forwarded to each general-purpose timer enable
these timers to measure the intervals between count events.
Boundary registers enable auto-zero operation or simple system
warning by interrupts when programmable count values are
exceeded.
Serial Peripheral Interface Ports (SPI)
The processor contains the SPI-compatible port that allows the
processor to communicate with multiple SPI-compatible
devices.
In its simplest mode, the SPI interface uses three pins for trans-
ferring data: two data pins master output-slave input and master
input-slave output (SPI_MOSI and SPI_MISO) and a clock pin,
SPI_CLK. A SPI chip select input pin (SPI_SS) lets other SPI
devices select the processor, and three SPI chip select output
pins (SPI_SELn) let the processor select other SPI devices. The
SPI select pins are reconfigured general-purpose I/O pins. Using
these pins, the SPI provides a full-duplex, synchronous serial
interface, which supports both master and slave modes and
multimaster environments.
In a multimaster or multislave SPI system, the MOSI and MISO
data output pins can be configured to behave as open drain out-
puts (using the ODM bit) to prevent contention and possible
damage to pin drivers. An external pull-up resistor is required
on both the MOSI and MISO pins when this option is selected.
When ODM is set and the SPI is configured as a master, the
MOSI pin is three-stated when the data driven out on MOSI is a
logic high. The MOSI pin is not three-stated when the driven
data is a logic low. Similarly, when ODM is set and the SPI is
configured as a slave, the MISO pin is three-stated if the data
driven out on MISO is a logic high.
The SPI port’s baud rate and clock phase/polarities are pro-
grammable, and it has integrated DMA channels for both
transmit and receive data streams.
Universal Asynchronous Receiver/Transmitter Ports
(UART)
The processor provides full-duplex universal asynchronous
receiver/transmitter (UART) ports, which are fully compatible
with PC-standard UARTs. Each UART port provides a simpli-
fied UART interface to other peripherals or hosts, supporting
full-duplex, DMA-supported, asynchronous transfers of serial
data. A UART port includes support for five to eight data bits,
and none, even, or odd parity. Optionally, an additional address
bit can be transferred to interrupt only addressed nodes in
multi-drop bus (MDB) systems. A frame is terminated by one,
one and a half, two or two and a half stop bits.
The UART ports support automatic hardware flow control
through the clear to send (CTS) input and request to send (RTS)
output with programmable assertion FIFO levels.
To help support the local interconnect network (LIN) protocols,
a special command causes the transmitter to queue a break
command of programmable bit length into the transmit buffer.
Similarly, the number of stop bits can be extended by a pro-
grammable inter-frame space.
The capabilities of the UARTs are further extended with sup-
port for the infrared data association (IrDA
®) serial infrared
physical layer link specification (SIR) protocol.
2-Wire Controller Interface (TWI)
The processor includes a 2-wire interface (TWI) module for
providing a simple exchange method of control data between
multiple devices. The TWI module is compatible with the
widely used I2C bus standard. The TWI module offers the
capabilities of simultaneous master and slave operation and
support for both 7-bit addressing and multimedia data arbitra-
tion. The TWI interface utilizes two pins for transferring clock
(TWI_SCL) and data (TWI_SDA) and supports the protocol at
speeds up to 400k bits/sec. The TWI interface pins are compati-
ble with 5 V logic levels.
Additionally, the TWI module is fully compatible with serial
camera control bus (SCCB) functionality for easier control of
various CMOS camera sensor devices.
Controller Area Network (CAN)
The CAN controller implements the CAN 2.0B (active) proto-
col. This protocol is an asynchronous communications protocol
used in both industrial and automotive control systems. The
CAN protocol is well suited for control applications due to its
capability to communicate reliably over a network. This is
because the protocol incorporates CRC checking, message error
tracking, and fault node confinement.
The CAN controller offers the following features:
• 32 mailboxes (8 receive only, 8 transmit only, 16 configu-
rable for receive or transmit).
• Dedicated acceptance masks for each mailbox.
• Additional data filtering on first two bytes.
• Support for both the standard (11-bit) and extended
(29-bit) identifier (ID) message formats.
• Support for remote frames.
• Active or passive network support.
•Interrupts, including: TX complete, RX complete, error
and global.
An additional crystal is not required to supply the CAN clock, as
the CAN clock is derived from a system clock through a pro-
grammable divider.
10/100 Ethernet MAC (EMAC)
The processor can directly connect to a network by way of an
embedded fast Ethernet media access controller (MAC) that
supports both 10-BaseT (10M bits/sec) and 100-BaseT (100M
bits/sec) operation. The 10/100 Ethernet MAC peripheral on the
processor is fully compliant to the IEEE 802.3-2002 standard. It



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com