Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADTF3175BMLZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADTF3175BMLZ
Description  1 MegaPixel Time-of-Flight Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADTF3175BMLZ Datasheet(HTML) 1 Page - Analog Devices

  ADTF3175BMLZ Datasheet HTML 1Page - Analog Devices ADTF3175BMLZ Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ADTF3175
1 MegaPixel Time-of-Flight Module
Rev. SpA
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
1024 × 1024 ToF imager with 3.5 µm × 3.5 µm pixels
►
75° × 75° field of view
►
Imager lens subassembly with 940 nm band-pass filter
►
Illumination subassembly with eye safety support
►
4-lane MIPI CSI-2 transmitter interface, 1.5 Gbps per lane
►
4-wire SPI and 2-wire I2C serial interfaces
►
NVM (Flash) for module boot-up sequence
►
Power regulators for local imager and illumination rails
►
Calibrated modes at 1024 × 1024 and 512 × 512 resolutions
►
Depth range: 0.4 m to 4 m (depth noise (1 σ) 15 mm maximum,
19% minimum target reflectance, 3 klux equivalent sunlight)
►
Depth accuracy: ±5 mm (across full depth range)
►
Available in 50-lead, MODULE, ML-50-1 package
APPLICATIONS
►
Machine vision systems
►
Robotics
►
Building automation
►
Augmented reality (AR) systems
GENERAL DESCRIPTION
The ADTF3175 is a complete Time-of-Flight (ToF) module for high
resolution 3D depth sensing and vision systems. Based on the
ADSD3100, a 1 megapixel CMOS indirect ToF (iToF) imager, the
ADTF3175 also integrates the lens and optical band-pass filter for
the imager, an infrared illumination source containing optics, laser
diode, laser diode driver and photodetector, a flash memory, and
power regulators to generate local supply voltages. The module is
fully calibrated at multiple range and resolution modes. To complete
the depth sensing system, the raw image data from the ADTF3175
is processed externally by the host system processor or depth
image signal processor (ISP).
The ADTF3175 image data output interfaces electrically to the host
system over a 4-lane mobile industry processor interface (MIPI),
Camera Serial Interface 2 (CSI-2) transmitter interface. The module
programming and operation are controlled through 4-wire serial
peripheral interface (SPI) and I2C interface.
The ADTF3175 has module dimensions of 42 mm × 31 mm × 15.1
mm and is specified over an operating temperature range of −20°C
to 65°C.
MODULE FUNCTIONAL BLOCK DIAGRAM
Figure 1. Module Functional Block Diagram
For more information about the ADTF3175, contact tof@analog.com.


Similar Part No. - ADTF3175BMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADTF3175 AD-ADTF3175 Datasheet
107Kb / 2P
1 MegaPixel Time-of-Flight Module
Rev. PrA
ADTF3175 AD-ADTF3175 Datasheet
150Kb / 2P
1 MegaPixel Time-of-Flight Module
Rev. Sp0
ADTF3175 AD-ADTF3175_V01 Datasheet
150Kb / 2P
1 MegaPixel Time-of-Flight Module
Rev. Sp0
More results

Similar Description - ADTF3175BMLZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPT9221 TI-OPT9221_15 Datasheet
1Mb / 104P
OPT9221 Time-of-Flight Controller
OPT8320 TI1-OPT8320 Datasheet
1Mb / 88P
OPT8320 3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
OPT8241 TI1-OPT8241_17 Datasheet
1Mb / 34P
3D Time-of-Flight Sensor
logo
Melexis Microelectronic...
MLX75023 MELEXIS-MLX75023 Datasheet
1Mb / 27P
Time-of-Flight Sensor Array
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
Time-of-Flight Companion Chip
logo
ams AG
TMF8801 AMSCO-TMF8801 Datasheet
218Kb / 2P
Time-of-Flight Sensor
2019-July-22
logo
Analog Devices
ADTF3175 AD-ADTF3175 Datasheet
107Kb / 2P
1 MegaPixel Time-of-Flight Module
Rev. PrA
ADTF3175 AD-ADTF3175_V01 Datasheet
150Kb / 2P
1 MegaPixel Time-of-Flight Module
Rev. Sp0
logo
ams AG
TMF8701 AMSCO-TMF8701 Datasheet
1Mb / 66P
Time-of-Flight Sensor
v2-00 2023-Feb-21
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com