Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8597952 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 8597952
Description  Washer Thermocouple, Glassfibre Insulated Cable with stainless steel overbraid- IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

8597952 Datasheet(HTML) 2 Page - Labfacility Ltd

  8597952 Datasheet HTML 1Page - Labfacility Ltd 8597952 Datasheet HTML 2Page - Labfacility Ltd 8597952 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-60
Nov-23
Specifications
General Description
Thermocouple housed in a washer eyelet
Thermocouple Type
K or J
Thermocouple Junction Grounded tip for quick response
Cable Length
2m
Cable Type
Glassfibre insulated, stainless steel overbraided
Core / Strands
7/0.2mm
Termination Type
Either tails or standard plug termination
Max. Temperature
+350°C
Washer
3.5, 4.0, 5.0, 6.0, 8.0 & 10.0mm clearance hole available
Ordering Information
Type
Washer
Clearance Hole
Termination
Manufacturers Code
Farnell Order
Code
K
3.5mm
Bare Tails
FW-K-M3.5-2.0-C4-T
3514855
K
4mm
Bare Tails
FW-K-M4-2.0-C4-T
3514858
K
5mm
Bare Tails
FW-K-M5-2.0-C4-T
3514860
K
6mm
Bare Tails
FW-K-M6-2.0-C4-T-I
8597952
K
8mm
Bare Tails
FW-K-M8-2.0-C4-T
3514862
K
10mm
Bare Tails
FW-K-M10-2.0-C4-T
3514864
K
3.5mm
Standard Plug
FW-K-M3.5-2.0-C4-SP-Z Z=C/C
4155842
K
4mm
Standard Plug
FW-K-M4-2.0-C4-SP-Z Z=C/C
4155844
K
5mm
Standard Plug
FW-K-M5-2.0-C4-SP-Z Z=C/C
4155846
K
6mm
Standard Plug
FW-K-2.0-C4-SP-Z Z=C/C
4073497
K
8mm
Standard Plug
FW-K-M8-2.0-C4-SP-Z Z=C/C
4155847
K
10mm
Standard Plug
FW-K-M10-2.0-C4-SP-Z Z=C/C
4155839
J
3.5mm
Bare Tails
FW-J-M3.5-2.0-C4-T
3514854
J
4mm
Bare Tails
FW-J-M4-2.0-C4-T
3514856
J
5mm
Bare Tails
FW-J-M5-2.0-C4-T
3514859
J
8mm
Bare Tails
FW-J-M8-2.0-C4-T
3514861
J
10mm
Bare Tails
FW-J-M10-2.0-C4-T
3514863
J
3.5mm
Standard Plug
FW-J-M3.5-2.0-C4-SP-Z Z=C/C
4155837
J
4mm
Standard Plug
FW-J-M4-2.0-C4-SP-Z Z=C/C
4155838
J
5mm
Standard Plug
FW-J-M5-2.0-C4-SP-Z Z=C/C
4155840
J
6mm
Standard Plug
FW-J-2.0-C4-SP-Z Z=C/C
4073498
J
8mm
Standard Plug
FW-J-M8-2.0-C4-SP-Z Z=C/C
4155843
J
10mm
Standard Plug
FW-J-M10-2.0-C4-SP-Z Z=C/C
4155845



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com