Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4155764 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4155764
Description  Leaf Thermocouple, Glassfibre insulated Cable with Stainless Steel Over-Braid Terminating in Bare tails, Miniature or Standard Plug- IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4155764 Datasheet(HTML) 2 Page - Labfacility Ltd

  4155764 Datasheet HTML 1Page - Labfacility Ltd 4155764 Datasheet HTML 2Page - Labfacility Ltd 4155764 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-35
Nov-23
Specifications
General Description
Thermocouple mounted on a stainless steel shim
Thermocouple Type
K or J IEC
Thermocouple Junction Junction grounded at tip for fast response
Cable Length
1, 2, 3, 4 or 5m
Cable Type
Glassfibre insulated lead with stainless steel overbraid
Core / Strands
7/0.2mm
Termination Type
Bare tails, Miniature or Standard Plug (with cable clamps)
Max. Temperature
+350°C
Min. Temperature
-60°C
Dimensions
25x13mm shim (0.2mm thick)
Ordering Information
Type
Cable
Length
Termination
Manufacturers Code
Farnell Order
Code
K
1m
Bare Tails
FL-K-1-T-I
4155764
K
2m
Bare Tails
FL-K-2-T-I
8597936
K
3m
Bare Tails
FL-K-3-T-I
1633486
K
1m
Miniature Plug
FL-K-1.0-C4-MP
4155766
K
2m
Miniature Plug
FL-K-2.0-C4-MP
4155767
K
5m
Miniature Plug
FL-K-5.0-C4-MP
4155771
K
1m
Standard Plug
FL-K-1.0-C4-SP-Z Z=C/C
4155773
K
2m
Standard Plug
FL-K-2.0-C4-SP-Z Z=C/C
3584287
K
5m
Standard Plug
FL-K-5.0-C4-SP-Z Z=C/C
4155776
J
1m
Bare Tails
FL-J-1-T-I
4155761
J
2m
Bare Tails
FL-J-2-T-I
8597928
J
3m
Bare Tails
FL-J-3-T-I
4155763
J
1m
Miniature Plug
FL-J-1.0-C4-MP
4155765
J
2m
Miniature Plug
FL-J-2.0-C4-MP
4155768
J
5m
Miniature Plug
FL-J-5.0-C4-MP
4155769
J
1m
Standard Plug
FL-J-1.0-C4-SP-Z Z=C/C
4155770
J
2m
Standard Plug
FL-J-2.0-C4-SP-Z Z=C/C
4155772
J
5m
Standard Plug
FL-J-5.0-C4-SP-Z Z=C/C
4155775



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com