Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4155756 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4155756
Description  Leaf Thermocouple, Glassfibre insulated Cable with Stainless Steel Over-Braid Terminating in Bare tails, Miniature or Standard Plug- ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4155756 Datasheet(HTML) 2 Page - Labfacility Ltd

  4155756 Datasheet HTML 1Page - Labfacility Ltd 4155756 Datasheet HTML 2Page - Labfacility Ltd 4155756 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-34
Nov-23
Specifications
General Description
Thermocouple mounted on a stainless steel shim
Thermocouple Type
K
Thermocouple Junction Junction grounded at tip for fast response
Cable Length
1, 2, 3 or 5m
Cable Type
Glassfibre insulated lead with stainless steel overbraid
Core / Strands
7/0.2mm
Termination Type
Bare tails, Miniature or Standard Plug (with cable clamps)
Max. Temperature
+350°C
Min. Temperature
-50°C
Standards Met
ANSI MC96.1
Dimensions
25x13mm shim (0.2mm thick)
Ordering Information
Type
Cable
Length
Termination
Manufacturers Code
Farnell Order
Code
K
1m
Bare Tails
FL-K-1-T-A
4155752
K
2m
Bare Tails
FL-K-2-T-A
4155753
K
3m
Bare Tails
FL-K-3-T-A
4155754
K
1m
Miniature Plug
FL-K-1.0-C4-MP-A
4155755
K
2m
Miniature Plug
FL-K-2.0-C4-MP-A
4155756
K
5m
Miniature Plug
FL-K-5.0-C4-MP-A
4155757
K
1m
Standard Plug
FL-K-1.0-C4-SP-A-Z Z=C/C
4155758
K
2m
Standard Plug
FL-K-2.0-C4-SP-A-Z Z=C/C
4155759
K
5m
Standard Plug
FL-K-5.0-C4-SP-A-Z Z=C/C
4155760



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com