Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4155820 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4155820
Description  Nozzle Thermocouple, Glassfibre insulated Cable with Stainless Steel Over-Braid Terminating in Bare tails, Miniature or Standard Plug- JIS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4155820 Datasheet(HTML) 1 Page - Labfacility Ltd

  4155820 Datasheet HTML 1Page - Labfacility Ltd 4155820 Datasheet HTML 2Page - Labfacility Ltd 4155820 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.
Nozzle Thermocouple, Glassfibre insulated
Cable with Stainless Steel Over-Braid
Terminating in Bare tails, Miniature or
Standard Plug- JIS


Similar Part No. - 4155820

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
4155823 LABFACILITY-4155823 Datasheet
696Kb / 3P
Washer Thermocouple, Glassfibre Insulated Cable with stainless steel overbraid- ANSI
Nov-23
4155824 LABFACILITY-4155824 Datasheet
696Kb / 3P
Washer Thermocouple, Glassfibre Insulated Cable with stainless steel overbraid- ANSI
Nov-23
4155825 LABFACILITY-4155825 Datasheet
696Kb / 3P
Washer Thermocouple, Glassfibre Insulated Cable with stainless steel overbraid- ANSI
Nov-23
4155826 LABFACILITY-4155826 Datasheet
696Kb / 3P
Washer Thermocouple, Glassfibre Insulated Cable with stainless steel overbraid- ANSI
Nov-23
4155827 LABFACILITY-4155827 Datasheet
696Kb / 3P
Washer Thermocouple, Glassfibre Insulated Cable with stainless steel overbraid- ANSI
Nov-23
More results

Similar Description - 4155820

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-003-6-10SL-5 GLENAIR-257-003-6-10SL-5 Datasheet
359Kb / 2P
Stainless Steel Plug Assembly
logo
List of Unclassifed Man...
BU-46X ETC2-BU-46X Datasheet
224Kb / 1P
Miniature Battery Clip, Stainless Steel, 50 Amps
logo
Glenair, Inc.
257-165 GLENAIR-257-165 Datasheet
99Kb / 2P
Stainless Steel Plug Assembly
logo
List of Unclassifed Man...
BU-26101 ETC2-BU-26101 Datasheet
77Kb / 1P
Insulated Plug-On Test Prod With Stainless Steel Tip
logo
TE Connectivity Ltd
154BC TEC-154BC Datasheet
182Kb / 5P
316L Stainless Steel or Titanium
logo
List of Unclassifed Man...
79696033 ETC2-79696033 Datasheet
260Kb / 4P
Thermocouple probe J with sheath - ST steel 316 L 횠 5 mm : 30 mm long Glass filament cable with stainless steel braid : 2
logo
OEN India Limited
04-06100SS OENINDIA-04-06100SS Datasheet
67Kb / 1P
Stainless Steel Cable Ties
logo
PHOENIX CONTACT
0831516 PHOENIX-0831516 Datasheet
53Kb / 2P
Stainless steel cable marking for assembly with cable binders
0831520 PHOENIX-0831520 Datasheet
54Kb / 2P
Stainless steel cable marking for assembly with cable binders
logo
Heyco.
12864B HEYCO-12864B Datasheet
91Kb / 1P
Stainless Steel Cable Ties
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com