Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4155801 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4155801
Description  Nozzle Thermocouple, Glassfibre insulated Cable with Stainless Steel Over-Braid Terminating in Bare tails, Miniature or Standard Plug- IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4155801 Datasheet(HTML) 2 Page - Labfacility Ltd

  4155801 Datasheet HTML 1Page - Labfacility Ltd 4155801 Datasheet HTML 2Page - Labfacility Ltd 4155801 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-41
Nov-23
Specifications
General Description
Thermocouple housed in a stainless steel threaded bolt
Thermocouple Type
K or J
Thermocouple Junction Grounded hot junction for fast response, M6x1mm thread
Cable Length
1, 2 or 5m
Cable Type
Glassfibre insulated lead with stainless steel overbraid
Core / Strands
7/0.2mm
Termination Type
Bare tails, Miniature or Standard Plug (with cable clamps)
Max. Temperature
+350°C
Min. Temperature
-60°C
Standards Met
IEC
Thread
M6 x 1mm thread
Ordering Information
Type
Cable
Length
Termination
Manufacturers Code
Farnell Order
Code
K
1m
Bare Tails
FN-K-M-1.0-C4-T
4155797
K
2m
Bare Tails
FN-K-M-2.0-C4-T
8598053
K
5m
Bare Tails
FN-K-M-5.0-C4-T
4155802
K
1m
Miniature Plug
FN-K-M-1.0-C4-MP
4155803
K
2m
Miniature Plug
FN-K-M-2.0-C4-MP
4155806
K
5m
Miniature Plug
FN-K-M-5.0-C4-MP
4155808
K
1m
Standard Plug
FN-K-M-1.0-C4-SP-Z Z=C/C
4155810
K
2m
Standard Plug
FN-K-M-2.0-C4-SP-Z Z=C/C
4073499
K
5m
Standard Plug
FN-K-M-5.0-C4-SP-Z Z=C/C
4155812
J
1m
Bare Tails
FN-J-M-1.0-C4-T
4155796
J
2m
Bare Tails
FN-J-M-2.0-C4-T
8598045
J
5m
Bare Tails
FN-J-M-5.0-C4-T
4155799
J
1m
Miniature Plug
FN-J-M-1.0-C4-MP
4155800
J
2m
Miniature Plug
FN-J-M-2.0-C4-MP
4155801
J
5m
Miniature Plug
FN-J-M-5.0-C4-MP
4155805
J
1m
Standard Plug
FN-J-M-1.0-C4-SP-Z Z=C/C
4155807
J
2m
Standard Plug
FN-J-M-2.0-C4-SP-Z Z=C/C
4155809
J
5m
Standard Plug
FN-J-M-5.0-C4-SP-Z Z=C/C
4155811



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com