Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1421 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1421
Description  Rubber Feet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1421 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1421 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.hammondmfg.com USA
Canada
Quebec
Europe (UK)
Australia
(716) 630-7030
(519) 822-2960
(450) 975-1884
01256 812812
+61-8-8240-2244
124
1421
Rubber Feet
Image
Part Number Mounting Method
Style
Units
Length
or Diameter
Width
Height
Color
Qty Per
Pack-
age
1421T2
Self-Adhesive
Flat Round
inches
mm
0.5
12.7
0.14
3.5
Black
24
1421T2CL
Self-Adhesive
Flat Round
inches
mm
0.5
12.7
0.14
3.5
Clear
24
1421T2GY
Self-Adhesive
Flat Round
inches
mm
0.5
12.7
0.14
3.5
Gray
24
1421T3
Self-Adhesive
Square
inches
mm
0.5
12.7
0.5
12.7
0.23
5.8
Black
24
1421T4
Self-Adhesive
Square
inches
mm
0.81
20.5
0.81
20.5
0.30
7.6
Black
24
1421T5BK
Self-Adhesive
Round
Hemisphere
inches
mm
0.44
11.11
0.20
5
Black
24
1421T5CL
Self-Adhesive
Round
Hemisphere
inches
mm
0.44
11.11
0.20
5
Clear
24
1421T6CL
Self-Adhesive
Flat Round
inches
mm
0.31
7.9
0.09
2.2
Clear
24
1421T7
Screw-on
(hardware included)
Round
inches
mm
0.75
19
0.5
12.7
Black
24
1421T8BK
Self-Adhesive
Square
inches
mm
0.47
12.1
0.47
12.1
0.12
3.1
Black
24
1421T9BK
Self-Adhesive
Round
inches
mm
0.88
22.35
0.40
10.16
Black
24


Similar Part No. - 1421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1421 VISHAY-1421 Datasheet
104Kb / 2P
Bulk Metal® Foil Technology 12 Pin Transistor Outline Hermetic Resistor Network
08-Mar-05
logo
Hammond Manufacturing L...
1421 HAMMOND-1421 Datasheet
60Kb / 1P
Vis a tete fraisee 10-32 avec rondelles a collerette en acier pour bati
logo
List of Unclassifed Man...
1421-1 ETC2-1421-1 Datasheet
430Kb / 1P
MICRO PINS
14210 ETC2-14210 Datasheet
89Kb / 2P
5 Minute Epoxy
logo
PHOENIX CONTACT
1421004 PHOENIX-1421004 Datasheet
1Mb / 13P
SAC-5P-5,0-500/M12FR FB - Sensor/actuator cable
More results

Similar Description - 1421

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3602A GENERAL-C3602A Datasheet
72Kb / 1P
2C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3604A GENERAL-C3604A Datasheet
73Kb / 1P
4C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3605A GENERAL-C3605A Datasheet
73Kb / 1P
5C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3606A GENERAL-C3606A Datasheet
72Kb / 1P
6C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
C3607A GENERAL-C3607A Datasheet
73Kb / 1P
7C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
logo
Hammond Manufacturing L...
1455B802 HAMMOND-1455B802 Datasheet
220Kb / 1P
Purchased assembly includes box, plastic bezels, 6 Taptight screws and self adhesive rubber feet
1455L1201 HAMMOND-1455L1201 Datasheet
277Kb / 1P
Purchased assembly includes box, plastic bezels, end panels, 6 Taptight screws and self adhesive rubber feet
logo
Molex Electronics Ltd.
130186-0052 MOLEX11-130186-0052 Datasheet
32Kb / 1P
Work Center Base with Manifold, Rubber Feet and Dolly Wheels
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
RUBBER: SILICONE RUBBER
logo
Hammond Manufacturing L...
1456CE2CWW HAMMOND-1456CE2CWW Datasheet
258Kb / 1P
Case Includes Wooden Sides, Adhesive Rubber Feet and Required Hardware.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com