Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H/MAGNET-K-3M-MP-J Datasheet(PDF) 2 Page - Labfacility Ltd

Part # H/MAGNET-K-3M-MP-J
Description  9kg Pull Power (Horseshoe) Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - JIS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

H/MAGNET-K-3M-MP-J Datasheet(HTML) 2 Page - Labfacility Ltd

  H/MAGNET-K-3M-MP-J Datasheet HTML 1Page - Labfacility Ltd H/MAGNET-K-3M-MP-J Datasheet HTML 2Page - Labfacility Ltd H/MAGNET-K-3M-MP-J Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-51
Nov-23
Specifications
General Description
Rapid, reliable temperature sensing on ferrous surfaces
Thermocouple Type
K
Thermocouple Junction Grounded at tip
Magnet
25 x 25 x 40mm (HxWxL) with powerful 9kg pull
Cable Termination
1.5 or 3 metres PFA insulated with stainless steel over-
braid, fitted plug termination
Termination Type
Fitted Mini or Standard Plug
Max. Temperature
+250°C
Min. Temperature
-50°C
Standards Met
JIS
Ordering Information
Type
Cable
Length
Termination
Manufacturers Code
Farnell Order
Code
K
1.5m
Miniature Plug
H/MAGNET-K-1.5M-MP-J (9kg Pull)
4156060
K
3m
Miniature Plug
H/MAGNET-K-3M-MP-J (9kg Pull)
4156061
K
1.5m
Standard Plug
H/MAGNET-K-1.5M-SP-J (9kg Pull)
4156062
K
3m
Standard Plug
H/MAGNET-K-3M-SP-J (9kg Pull)
4156063



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com