Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H/MAGNET-K-3M-SP-A Datasheet(PDF) 1 Page - Labfacility Ltd

Part # H/MAGNET-K-3M-SP-A
Description  9kg Pull Power (Horseshoe) Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

H/MAGNET-K-3M-SP-A Datasheet(HTML) 1 Page - Labfacility Ltd

  H/MAGNET-K-3M-SP-A Datasheet HTML 1Page - Labfacility Ltd H/MAGNET-K-3M-SP-A Datasheet HTML 2Page - Labfacility Ltd H/MAGNET-K-3M-SP-A Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.
9kg Pull Power (Horseshoe) Magnet
Thermocouple, PFA Insulated Cable with
Stainless Steel Over-Braid Terminating in
Miniature or Standard Plug - ANSI


Similar Part No. - H/MAGNET-K-3M-SP-A

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
H/MAGNET-K-3M-SP-A LABFACILITY-H/MAGNET-K-3M-SP-A Datasheet
721Kb / 3P
11.8kg Pull Power (Horseshoe) Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - ANSI
Nov-23
More results

Similar Description - H/MAGNET-K-3M-SP-A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
257-003-6-10SL-5 GLENAIR-257-003-6-10SL-5 Datasheet
359Kb / 2P
Stainless Steel Plug Assembly
257-165 GLENAIR-257-165 Datasheet
99Kb / 2P
Stainless Steel Plug Assembly
logo
List of Unclassifed Man...
BU-26101 ETC2-BU-26101 Datasheet
77Kb / 1P
Insulated Plug-On Test Prod With Stainless Steel Tip
logo
TE Connectivity Ltd
154BC TEC-154BC Datasheet
182Kb / 5P
316L Stainless Steel or Titanium
logo
List of Unclassifed Man...
79696033 ETC2-79696033 Datasheet
260Kb / 4P
Thermocouple probe J with sheath - ST steel 316 L 횠 5 mm : 30 mm long Glass filament cable with stainless steel braid : 2
logo
BELIMO AIRCONTROLS (USA...
EV250SU-127 BELIMO-EV250SU-127 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV300SU-180 BELIMO-EV300SU-180 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV400SU-317 BELIMO-EV400SU-317 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV500SU-495 BELIMO-EV500SU-495 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
EV600SU-713 BELIMO-EV600SU-713 Datasheet
1Mb / 4P
Stainless Steel Ball, ANSI 125 Flange
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com