Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H/MAGNET-K-1.5M-MP-A Datasheet(PDF) 2 Page - Labfacility Ltd

Part # H/MAGNET-K-1.5M-MP-A
Description  11.8kg Pull Power (Horseshoe) Magnet Thermocouple, PFA Insulated Cable with Stainless Steel Over-Braid Terminating in Miniature or Standard Plug - ANSI
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

H/MAGNET-K-1.5M-MP-A Datasheet(HTML) 2 Page - Labfacility Ltd

  H/MAGNET-K-1.5M-MP-A Datasheet HTML 1Page - Labfacility Ltd H/MAGNET-K-1.5M-MP-A Datasheet HTML 2Page - Labfacility Ltd H/MAGNET-K-1.5M-MP-A Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-52
Nov-23
Specifications
General Description
11.8kg Pull Power (Horseshoe) Magnet Thermocouple
Sensor Type
Magnet Thermocouple
Thermocouple Type
Type K
Magnet
45 x 30 x 30mm (L x H x W) - Max pull: 11.8 KG
Cable Length
1.5M or 3.0M
Cable Type
PFA Insulated Cable with Stainless Steel Over-Braid
Core / Strands
7/0.2mm
Cable Termination
Miniature or Standard Plug
Max. Temperature
250°C
Min. Temperature
-50°C
Standards Met
ANSI MC96.1
Ordering Information
Type
Cable
Length
Termination
Manufacturers Code
Farnell Order
Code
K
1.5m
Miniature Plug
H/MAGNET-K-1.5M-MP-A (11.8kg Pull)
4156064
K
3m
Miniature Plug
H/MAGNET-K-3M-MP-A (11.8kg Pull)
4156065
K
1.5m
Standard Plug
H/MAGNET-K-1.5M-SP-A (11.8kg Pull)
4156066
K
3m
Standard Plug
H/MAGNET-K-3M-SP-A (11.8kg Pull)
4156068



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com