Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

708-8164 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 708-8164
Description  Connector Panels for Panel Mounting Thermocouple Panel Sockets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

708-8164 Datasheet(HTML) 1 Page - Labfacility Ltd

  708-8164 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 Anodised Aluminium Faceplates
 ^ƵŝƚĂďůĞĨŽƌŵŝŶŝĂƚƵƌĞΘƐƚĂŶĚĂƌĚĨĂƐĐŝĂƉĂŶĞůŵŽƵŶƟŶŐƚŚĞƌŵŽĐŽƵƉůĞƐŽĐŬĞƚƐ
 ƚĐŚŵĂƩ ΘƐĂƟŶĂŶŽĚŝƐĞĚĮ ŶŝƐŚ
 Miniature or Standard size panels available in 6 way
 ŽƚŚŵŝŶŝĂƚƵƌĞΘƐƚĂŶĚĂƌĚƉĂŶĞůƐŚĂǀ Ğϰdžϯ͘ ϮŵŵĮ džŝŶŐŚŽůĞƐ͕ ƉŽƐŝƟŽŶĞĚϱŵŵĐĞŶƚƌĞůŝŶĞĨƌŽŵ
corners edges
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
093/0314 Thermocouple Panel Sockets
ŽŶŶĞĐƚŽƌWĂŶĞůƐĨŽƌWĂŶĞůD ŽƵŶƟŶŐ
Thermocouple Panel Sockets
Panel Size
No. of
Width Height Thickness
Product
RS order
rows/holes
code
code
Miniature
6 way
1 x 6
115mm 45mm 2mm
FMP-6
708-8164
Standard
6 way
1 x 6
145mm 66mm 2.5mm
FSP-6
708-8188


Similar Part No. - 708-8164

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
708-8164 LABFACILITY-708-8164 Datasheet
968Kb / 2P
Miniature Panel Sockets
More results

Similar Description - 708-8164

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
FX0296 BULGIN-FX0296 Datasheet
76Kb / 1P
Panel Mounting, PC1
FX0354 BULGIN-FX0354 Datasheet
69Kb / 1P
Panel Mounting, PC2
logo
List of Unclassifed Man...
KITS ETC2-KITS Datasheet
132Kb / 1P
IP67 PANEL MOUNTING
205-TC ETC2-205-TC Datasheet
907Kb / 22P
THERMOCOUPLE MINIATURE PANEL THERMOMETER
logo
TE Connectivity Ltd
KUKUP TEC-KUKUP Datasheet
1Mb / 5P
Sockets available for panel, DIN rail or PCB mounting
logo
PHOENIX CONTACT
2200911 PHOENIX-2200911 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200912 PHOENIX-2200912 Datasheet
44Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
2200913 PHOENIX-2200913 Datasheet
43Kb / 2P
Mounting foot for panel mounting the HC-ALU panel mounting base
logo
Pentair plc. All rights...
A20P16 PENTAIR-A20P16 Datasheet
1Mb / 16P
Panels and Panel Accessories
logo
BELIMO AIRCONTROLS (USA...
SGF24 BELIMO-SGF24 Datasheet
444Kb / 3P
For front-panel mounting
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com