Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS-CU-M Datasheet(PDF) 1 Page - Labfacility Ltd

Part # IS-CU-M
Description  Standard In-Line Thermocouple Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

IS-CU-M Datasheet(HTML) 1 Page - Labfacility Ltd

  IS-CU-M Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
T/C
Colour Code
нWŽƐŝƟǀ Ğ
-E ĞŐĂƟǀ Ğ
Manufacturing
Farnell
Type
(IEC)
(alloy type)
(alloy type)
References
Code
K
Green
+Nickel Chromium
-Nickel Alloy
IS-K-M
708-7925
J
Black
+Iron
-Copper Nickel IS-J-M
148-823
T
Brown
+Copper
-Copper Nickel IS-T-M
381-0215
N
Pink
+Nickel/Chro/Silicon
-Nickel Silicon IS-N-M
208-1266
R/S
Orange
+Copper
-Copper Alloy
IS-R/S-M
708-7950
B
Grey
+Copper
-Copper
IS-B-M
234-7061
CU
White
+Copper
-Copper
IS-CU-M
208-1265
E
Violet
+Nickel Chromium
-Copper Nickel
IS-E-M
234-7062
Standard connector with solid, round plug pins
^ƵŝƚĂďůĞĨŽƌŝŶĚƵƐƚƌŝĂůĂƉƉůŝĐĂƟŽŶƐ
ŽŶƚĂĐƚƐĂƌĞƉŽůĂƌŝƐĞĚƚŽƉƌĞǀ ĞŶƚŝŶĐŽƌƌĞĐƚĐŽŶŶĞĐƟŽŶ
Available in Thermocouple types K, J, T, N, R/S, CU & B
For Types K, J, T & N contacts are made from true Thermocouple alloys
Zͬ ^ŚĂƐĐŽŵƉĞŶƐĂƟŶŐĐŽƉƉĞƌͬ ĐŽƉƉĞƌŶŝĐŬĞůĂůůŽLJĐŽŶƚĂĐƚƐ;ĨŽƌZŽƌ^dLJƉĞdŚĞƌŵŽĐŽƵƉůĞƐͿ
ƚLJƉĞŚĂƐĐŽŵƉĞŶƐĂƟŶŐĐŽƉƉĞƌͬ ĐŽƉƉĞƌĐŽŶƚĂĐƚƐ;ĨŽƌdLJƉĞdŚĞƌŵŽĐŽƵƉůĞƐͿ
ŽůŽƵƌĐŽĚĞĚŝŶĂĐĐŽƌĚĂŶĐĞǁ ŝƚŚ/ƐƉĞĐŝĮ ĐĂƟŽŶ
D ĂdžŝŵƵŵĐŽŶƟŶƵŽƵƐŽƉĞƌĂƟŶŐƚĞŵƉĞƌĂƚƵƌĞϮϮϬΣ
Standard In-Line Thermocouple Plug
FAR016/0313. Standard In-Line Thermocouple Plug
‘Standard connector with solid,
round plug pins’


Similar Part No. - IS-CU-M

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
IS-CU-F LABFACILITY-IS-CU-F Datasheet
1Mb / 1P
Standard In-Line Thermocouple Sockets
More results

Similar Description - IS-CU-M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSP VISHAY-TSP Datasheet
120Kb / 3P
Molded, Commercial, Single In-Line Resistor Network (Standard)
05-Mar-08
VTF2 VISHAY-VTF2 Datasheet
751Kb / 9P
Conformal, Single In-Line Resistor Networks (Standard)
05-Mar-08
logo
Glenair, Inc.
947-221NF15-35 GLENAIR-947-221NF15-35 Datasheet
425Kb / 2P
Plug/Plug In-Line Connector
logo
Pomona Electronics
4702 POMONA-4702 Datasheet
40Kb / 1P
Banana Plug To In-Line Banana Jack
logo
Glenair, Inc.
880-025P GLENAIR-880-025P Datasheet
404Kb / 2P
In-Line Plug
logo
American Microsemicondu...
ADA1103P AMMSEMI-ADA1103P Datasheet
141Kb / 1P
Standard 14 pin Dual-In-Line Package
logo
TT Electronics.
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
Thermocouple Connectors
logo
Pepperl+Fuchs Inc.
FB5205B3 PF-FB5205B3 Datasheet
843Kb / 4P
Thermocouple Converter
LB5002A PF-LB5002A Datasheet
569Kb / 3P
Thermocouple Converter
2021-12-01
LB5005A PF-LB5005A Datasheet
657Kb / 3P
Thermocouple Converter
2021-12-01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com