Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1455CF1201. Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1455CF1201.
Description  Extruded Aluminum Enclosures with Integrated Flanges 1455F Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1455CF1201. Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1455CF1201. Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1455CF1201. Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7/28/2020
Extruded Aluminum Enclosures with Integrated Flanges (1455F Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/extruded/1455f
1/2
Unassembled
Clear anodized
version
Black anodized
version
Completely flat
bottom for seamless
wall mounting.
Extruded Aluminum Enclosures with Integrated Flanges 1455F Series
Key Features:
Designed to house P.C. boards or for equipment interfacing.
Integrated slotted flanges allow for easy wall mounting.
Flange provides a completely flat bottom surface and transitions seamlessly into the
extrusion body for a finished look.
Sized for 50mm wide PC boards.
P.C. boards mount into extrusions by sliding into internal slots extruded into the enclosure
body.
Rugged body constructed from extruded aluminum with a minimum thickness of .06” (1.5
mm).
Includes:
Extruded aluminum body - choice of clear or black anodized
(2) Aluminum end panels
All hardware - end panel screws are #6 x 3/8” TTT - thread rolling, steel screws with a #4
flat head phillips drive. Zinc plate finish - either clear or black
Replacement end panels available in packs of 10 (see table below)
For black replacement screws (quantity 100) order part number 1455MS100BK
For clear replacement screws (quantity 100) order part number 1455MS100
NOTE: Recommended screw torque is 5 lbf-in
Don't need wall-mounting flanges? Try our standard 1455 Series
Photo Features:
Enclosures
Clear Anodized Enclosure
Black Anodized Enclosure
Extrusion Length
Enclosure Width
Total Width (Incl. Flanges)
Total Outside Depth
1455CF801
1455CF801BK
80
54
77
23
1455CF1201
1455CF1201BK
120
54
77
23
Replacement End Panels
For
Part Number
Clear Anodize
Black Anodize
Blue Anodize
Red Anodize
Starting With
10-pack
10-pack
10-pack
10-pack
Quality Products. Service Excellence.


Similar Part No. - 1455CF1201.

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1455CF1201 HAMMOND-1455CF1201 Datasheet
174Kb / 2P
Extruded Aluminum Enclosures with Integrated Flanges
5/12/23, 11:42 AM
1455CF1201BK HAMMOND-1455CF1201BK Datasheet
174Kb / 2P
Extruded Aluminum Enclosures with Integrated Flanges
5/12/23, 11:42 AM
More results

Similar Description - 1455CF1201.

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
3301 POMONA-3301 Datasheet
24Kb / 1P
Size F Extruded Aluminum Box With Cover
3311 POMONA-3311 Datasheet
25Kb / 1P
Size G Extruded Aluminum Box With Cover
logo
Lumins Inc.
PR1240SOLO LUMINIS-PR1240SOLO Datasheet
383Kb / 3P
Extruded aluminum ballast housing.
AR160 LUMINIS-AR160 Datasheet
335Kb / 3P
Extruded aluminum driver housing
AR164 LUMINIS-AR164 Datasheet
348Kb / 3P
Extruded aluminum driver housing.
AR168 LUMINIS-AR168 Datasheet
331Kb / 3P
Extruded aluminum driver housing
AR170 LUMINIS-AR170 Datasheet
445Kb / 4P
Extruded aluminum driver housing
SQ502 LUMINIS-SQ502 Datasheet
122Kb / 2P
Extruded aluminum housing
SQ510 LUMINIS-SQ510 Datasheet
111Kb / 2P
Extruded aluminum housing
logo
Hammond Manufacturing L...
1455 HAMMOND-1455 Datasheet
509Kb / 7P
Extruded Aluminum Enclosures
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com