Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD5000 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SD5000
Description  RF & MICROWAVE TRANSISTORS GENERAL PURPOSE LINEAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD5000 Datasheet(HTML) 3 Page - STMicroelectronics

  SD5000 Datasheet HTML 1Page - STMicroelectronics SD5000 Datasheet HTML 2Page - STMicroelectronics SD5000 Datasheet HTML 3Page - STMicroelectronics SD5000 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEST CIRCUIT
B1, B2 : Ferrite Beads
C1,C2 : 120 pF Chip Capacitor
C3
: .4 - 2.5 pF Johanson Capacitor
C4
: .8 - 8 pF Johanson Capacitor
C5,C6
C7,C8 : 220 pF Chip Capacitor
C9,C10
: 1000 pF Chip Capacitor
C11
: .1
µF Capacitor
C12,C13 : 15,000 pF EMI Filter
L1,L2
: 5 Turn Choke; Wire Diameter .025”, I.D. 0.125”
Substrate material: Er
= 10.2, H = .050”, 1oz. Copper
IMPEDANCE DATA
FREQ.
ZIN (
Ω)ZCL (Ω)
1000 MHz
4.0 + j 3.3
20.8 + j 33.3
SD5000
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com