Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP401GSZ Datasheet(PDF) 8 Page - Analog Devices

Part # CMP401GSZ
Description  23 ns and 65 ns Low Voltage Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CMP401GSZ Datasheet(HTML) 8 Page - Analog Devices

  CMP401GSZ Datasheet HTML 1Page - Analog Devices CMP401GSZ Datasheet HTML 2Page - Analog Devices CMP401GSZ Datasheet HTML 3Page - Analog Devices CMP401GSZ Datasheet HTML 4Page - Analog Devices CMP401GSZ Datasheet HTML 5Page - Analog Devices CMP401GSZ Datasheet HTML 6Page - Analog Devices CMP401GSZ Datasheet HTML 7Page - Analog Devices CMP401GSZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Data Sheet
CMP401/CMP402
Rev. B | Page
8 of 8
OUTLINE DIMENSIONS
Figure 1. 16-Lead Standard Small Outline Package [SOIC_N]
Narrow Body
(R-16)
S-Suffix
Dimensions shown in millimeters and (inches)
Figure 2. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
–40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
–40°C to +125°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
–40°C to +125°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
–40°C to +125°C
16-Lead Thin Shrink Small Outline Package [TSSOP]
RU-16
–40°C to +125°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
CMP401GRUZ-REEL
CMP401GSZ
CMP401G
SZ-REEL
CMP402GRUZ-REEL
CMP402GSZ
CMP402GSZ-REEL
–40°C to +125°C
16-Lead Standard Small Outline Package [SOIC_N]
R-16
1 Z = RoHS Compliant Part.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-012-AC
10.00 (0.3937)
9.80 (0.3858)
16
9
8
1
6.20 (0.2441)
5.80 (0.2283)
4.00 (0.1575)
3.80 (0.1496)
1.27 (0.0500)
BSC
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0039)
0.51 (0.0201)
0.31 (0.0122)
1.75 (0.0689)
1.35 (0.0531)
0.50 (0.0197)
0.25 (0.0098)
1.27 (0.0500)
0.40 (0.0157)
0.25 (0.0098)
0.17 (0.0067)
COPLANARITY
0.10
8°
0°
45°
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
©2002–2016 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
C00267-0-3/16(B)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com