Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04025C331MAT Datasheet(PDF) 1 Page - Analog Devices

Part # 04025C331MAT
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 491 TEC TEMPERATURE CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

04025C331MAT Datasheet(HTML) 1 Page - Analog Devices

  04025C331MAT Datasheet HTML 1Page - Analog Devices 04025C331MAT Datasheet HTML 2Page - Analog Devices 04025C331MAT Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 491
TEC TEMPERATURE CONTROLLER
LTC1923EUH
DESCRIPTION
Demonstration circuit 491 features the LTC1923EUH
thermoelectric cooler (TEC) controller. The LTC1923EUH
comes in a small 32-lead QFN package (5mm by 5mm).
Since the switching frequency of the circuit is 1MHz,
small size inductors and capacitors are used as output
filters. The main components are within a small assem-
bly area about 0.75” by 0.5”. DC491 provides a complete
temperature control solution for TEC based temperature
control of fiber-optic lasers. Laser temperature may be
controlled at temperatures above or below ambient with
set point stability typically well within 0.05°C over widely
varying ambient temperature. Temperature set point is
established with a potentiometer. Considerably more
detail relating to TEC temperature control issues is avail-
able in LTC Application Note AN-89, A Thermoelectric
Cooler Temperature Controller for Fiber Optic Lasers.
This publication should be reviewed before demo board
results are evaluated.
Design files for this circuit board are available. Call
the LTC factory.
QUICK START PROCEDURE
Demonstration circuit 491 is easy to set up to evaluate
the performance of the LTC1923EUH. Refer to Figure 1
for proper measurement equipment setup and follow the
procedure below:
1.
Connect a turned-off power supply (2.7–5.5V) to the
VDD and GND terminals.
2.
Connect a thermistor to the NTC+ and NTC– termi-
nals. Although the thermistor is not a polarized de-
vice, one of its leads may be committed to the lasers
case ground. If this is so, this lead should be con-
nected to NTC–. Shielded cable should be used for the
thermistor leads, with the shield connected to ground.
3.
Adjust the temperature set point potentiometer (R15)
using a small screwdriver.
4.
Connect the TEC leads from the laser to the boards
TEC+ and TEC– terminals. Observe polarity.
5.
Turn on the power supply. The board will typically pull
hundreds of milliamps for several seconds. Once the
temperature set point is reached the current drops
and settles to some sustaining value.
6.
Performance optimization for any particular laser is
achievable by following the procedures and guidelines
given in LTC Application Note AN-89.
+
–
+
–
TEC
LASER
THERMISTOR
+–
+
–
+–
Figure 1. Proper Measurement Equipment Setup
1


Similar Part No. - 04025C331MAT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04025C331KAT2A AVX-04025C331KAT2A Datasheet
131Kb / 4P
X7R Dielectric
More results

Similar Description - 04025C331MAT

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
DC590A-1 LINEAR-DC590A-1 Datasheet
1Mb / 9P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 590 USB SERIAL CONTROLLER FOR LINEAR TECHNOLOGY QUICKEVAL-TM DEMO BOARDS
logo
NXP Semiconductors
UM10206 PHILIPS-UM10206 Datasheet
268Kb / 12P
I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
logo
Linear Technology
DC1466A-B LINER-DC1466A-B Datasheet
262Kb / 4P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT DC1466
logo
STMicroelectronics
UM0682 STMICROELECTRONICS-UM0682 Datasheet
399Kb / 10P
Quick start guide for the STEVAL-TLL005V1 power flash demonstration board
02-Mar-2009
UM0553 STMICROELECTRONICS-UM0553 Datasheet
231Kb / 5P
Quick start guide for the STR9 dongle demonstration board
24-Jun-2008
logo
Silicon Laboratories
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
Quick Start Guide
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
Quick Start Guide
logo
Linear Integrated Syste...
LT3028 LINEAR-LT3028_09 Datasheet
330Kb / 3P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 832
LT3080EDD LINEAR-LT3080EDD Datasheet
298Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 995A
LTC3025-1 LINEAR-LTC3025-1_09 Datasheet
537Kb / 5P
QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 1283
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com