Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRF1206-01-R020-F Datasheet(PDF) 3 Page - Analog Devices

Part # LRF1206-01-R020-F
Description  QUICK START GUIDE FOR DEMONSTRATION CIRCUIT 491 TEC TEMPERATURE CONTROLLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LRF1206-01-R020-F Datasheet(HTML) 3 Page - Analog Devices

  LRF1206-01-R020-F Datasheet HTML 1Page - Analog Devices LRF1206-01-R020-F Datasheet HTML 2Page - Analog Devices LRF1206-01-R020-F Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Linear Technology Corporation
LTC1923EUH
Bill Of Material
Demo Bd. # 491A
6/17/2005
Item Qty Reference
Part Description
Manufacture / Part #
1
7
C1,C2,C4,C6,C7,C17,C18
CAP., X5R, 0.1uF, 10V, 20% 0402
TAIYO YUDEN, LMK105BJ104MV
2
1
C3
CAP., X7R, 330pF, 50V, 20% 0402
AVX, 04025C331MAT
3
3
C5,C12,C13
CAP., X5R, 1uF, 6.3V, 20% 0603
TAIYO YUDEN, JMK107BJ105MA
4
4
C8,C14,C15,C16
CAP., X5R, 10uF, 6.3V, 20% 1206
TAIYO YUDEN, JMK316BJ106ML
5
3
C9,C11,C19
CAP., SM Film, 0.1uF, 16V, 20% 0805
Panasonic, ECP-U1C104MA5
6
1
C10
CAP., Tant., 15uF, 10V, 20% 3216
AVX, TAJA156M010R
7
1
C20
CAP., Tant., 22uF, 10V, 20% 3528
AVX, TPSB226M010R
8
1
D1
LED(Red)
Panasonic, LN1251-C-TR
9
1
D2
LED(Orn)
Panasonic, LN1851-C-TR
10
1
D3
LED(Grn)
Panasonic, LN1351-C-TR
11
2
L1,L2
INDUCTOR, 4.2uH
CDRH5D28
SUMIDA, CDRH5D28-4R2
12
1
Q1
Dual P-MOSFET, Si5915DC
1206-8
VISHAY, SI5915DC
13
1
Q2
Dual N-MOSFET, Si5904DC
1206-8
VISHAY, SI5904DC
14
4
Q3,Q4,Q5,Q6
N-MOSFET, 2N7002
Diodes Inc., 2N7002-7
15
2
R1,R4
RES., CHIP, 2.2K, 1/16W, 5% 0402
AAC, CR05-222JM
16
1
R25
RES., CHIP, 10K, 1/16W, 5% 0402
AAC, CR05-103JM
17
0
R2(not install)
RES.,
0402
18
3
R3,R14,R16
RES., CHIP, 10K, 0.1W, 0.1% 0805
KOA, RN73T2A1002B
19
2
R5,R12
RES., CHIP, 10K, 1/16W, 1% 0402
AAC, CR05-1002FM
20
1
R6
RES., CHIP, 9.09K, 1/16W, 1% 0402
AAC, CR05-9091FM
21
1
R7
RES., CHIP, 10M, 1/16W, 1%
0402
AAC, CR05-1005FM
22
1
R8
RES., CHIP, 2.2, 1/16W, 5%
0402
AAC, CR05-2R2JM
23
5
R9,R18,R19,R22,R23
RES., CHIP, 100K, 1/16W, 1% 0402
AAC, CR05-1003FM
24
1
R10
RES., CHIP, 1K, 1/16W, 1%
0402
AAC, CR05-1001FM
25
1
R11
RES., CHIP, 0.02, 0.25W, 1% 1206
IRC, LRF1206-01-R020-F
26
1
R13
RES., CHIP, 47.5K, 1/16W, 1% 0402
AAC, CR05-4752FM
27
1
R15
Pot. 11 Turns 20K
Bourns, 3224W-1-203E
28
3
R17,R20,R21
RES., CHIP, 200, 1/16W, 5%
0402
AAC, CR05-201JM
29
1
R24
RES., CHIP, 0, 1/16W, 5%
0402
AAC, CR05-000JM
30
10 TP1-TP10
TURRET,
MILL-MAX, 2501-2
31
1
U1
I.C., LTC1923EUH,
MLP-32
LINEAR., LTC1923EUH
32
1
U2
I.C., LTC2053,
MS8
LINEAR., LTC2053CMS8
33
4
SCREW, #4-40, 1/4"
ANY
34
4
STANDOFF, NYLON HEX #4-40 1/4"
MICRO PLASTICS 14HTSP101
35
1
PRINTED CIRCUIT BOARD
DEMO CIRCUIT 491A
Page 1 - of - 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com