Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112-40066 Datasheet(PDF) 2 Page - ept GmbH

Part # 112-40066
Description  Type G
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPT [ept GmbH]
Direct Link  https://www.ept-connectors.com/
Logo EPT - ept GmbH

112-40066 Datasheet(HTML) 2 Page - ept GmbH

  112-40066 Datasheet HTML 1Page - ept GmbH 112-40066 Datasheet HTML 2Page - ept GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ept GmbH I Tel. +49 (0) 88 61/25 01 0 I Fax +49 (0) 88 61/55 07 I E-Mail sales@ept.de I www.ept.de
103
On request
performance level I + III or
customized
special contact length
contact arrangement
On request
performance level I + III or
customized
special contact length
contact arrangement
6.0 mm
22 mm
64
2
8
6
4
z
f
d
b
112-60064
112-60065
Press-fit - Performance level II
4.5 mm
Ø 1 mm
22 mm
4.5 mm
Ø 0.7 mm
5.5 / 10.9 mm
Manual soldering with solder lug
64
2
8
6
4
z
f
d
b
112-40064
112-40065
112-40084
112-40066
Solder - Performance level II
Type G
DIN 41612



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com