Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910-22720/1 Datasheet(PDF) 2 Page - ept GmbH

Part # 910-22720/1
Description  Power Terminals
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPT [ept GmbH]
Direct Link  https://www.ept-connectors.com/
Logo EPT - ept GmbH

910-22720/1 Datasheet(HTML) 2 Page - ept GmbH

  910-22720/1 Datasheet HTML 1Page - ept GmbH 910-22720/1 Datasheet HTML 2Page - ept GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ept GmbH I Tel. +49 (0) 88 61/25 01 0 I Fax +49 (0) 88 61/55 07 I E-Mail sales@ept.de I www.ept.de
287
5.08 x 7.62 mm
Power Terminals
On request
with 1 or 2 terminals angled
with 1 or 2 terminals straight
with 1 terminal 90°
Pins
Contact arrangement
Part number
4
910-60045
910-22015
910-60645/1
910-22715/1
Press-fit - Thread M4
On request
Philips screw
with 1 or 2 terminals angled
with 1 or 2 terminals straight
with 1 terminal 90°
Pins
Contact arrangement
Part number
4
910-60050
910-22020
910-60650/1
910-22720/1
Press-fit - Thread M5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com