Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36063304 Datasheet(PDF) 2 Page - Norgren Ltd

Part # 36063304
Description  Brass Ball Valves
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

36063304 Datasheet(HTML) 2 Page - Norgren Ltd

  36063304 Datasheet HTML 1Page - Norgren Ltd 36063304 Datasheet HTML 2Page - Norgren Ltd 36063304 Datasheet HTML 3Page - Norgren Ltd 36063304 Datasheet HTML 4Page - Norgren Ltd 36063304 Datasheet HTML 5Page - Norgren Ltd 36063304 Datasheet HTML 6Page - Norgren Ltd 36063304 Datasheet HTML 7Page - Norgren Ltd 36063304 Datasheet HTML 8Page - Norgren Ltd 36063304 Datasheet HTML 9Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Symbol
Series
Type
Application
Materials
Max
Temp
Thread
Body
Seats & Seals
Pressure (bar)
Range
Standards
6011
Mini
General, light duty
Brass
PTFE & Nitrile “O” ring
10
–10 to +90ºC
ISO 228/1
6018
Lockable Exhausting General, with exhaust Brass
PTFE
13,6
4-60°C
ISO 228/1
6021
Standard
General purpose
Brass
PTFE & Viton “O” ring
45 to 10
–20 to +150ºC
ISO 228/1
6021
Three Way
General diverting
Brass
PTFE & Nitrile “O” ring
25 to 16
–15 to +150ºC
ISO 228/1
6021
Exhausting
General with exhaust
Brass
PTFE
40 to 64
–20 to +100ºC
ISO 228/1
6041
Standard
Commercial gas and
Brass
PTFE
55 to 20
–20 to +150ºC
ISO 228/1
general
12
1
2
10
12
1
3
2
10
12
1
3
2
10
12
1
3
2
10
12
1
2
10
60 Series Ball Valves
N/UK 5.10.040.02
10/97
Our policy is one of continued research and development. We therefore reserve the right to amend, without notice, the specifications given in this document.
For your local Norgren Technical Sales Centre phone 0345 662266. For your local Norgren Distributor phone 0345 227777.
IMI Norgren Limited, PO Box 22, Eastern Avenue, Lichfield, Staffordshire WS13 6SB
6011 Series
Miniball
Reduced bore, female/female
A
B
C
F
E
A
B
C
F
E
A
B
C
F
E
General Information
12
1
2
10
6011 Series:
Light duty in-line brass ball valves suitable for a wide variety of low pressure industrial uses.
6018 Series:
Medium duty in-line brass exhausting ball valves. Venting action & lockout design adds safety feature to valve.
6021 Series:
Medium duty in-line brass ball valves for most applications. Available as a standard valve, a three way diverting
valve or with a downstream exhaust option.
6041 Series:
Special, high quality in-line ball valves with approvals from British Gas, DIN-DVGW, Danish Gas, Svenska
Gasfoereningen. Suitable for gas and water applications as well as more general industrial uses.
Model
Thread
Max.
A
B
C
D
E
F
size
Press.
601112118 G1⁄8
10
19
20
37
22
5,5
19
601112128 G1⁄4
10
19
20
37
22
5,5
19
601112138 G3⁄8
10
19
21
41
24
8,0
21
601112148 G1⁄2
10
22
25
48
30
10,0
25
Reduced bore, male/female
Model
Thread
Max.
A
B
C
D
E
F
size
Press.
601112218 G1⁄8
10
19
20
37
22
5,5
19
601112228 G1⁄4
10
19
20
37
22
5,5
19
601112238 G3⁄8
10
19
21
41
24
8,0
21
601112248 G1⁄2
10
22
25
48
30
10,0
25
Reduced bore, male/male
Model
Thread
Max.
A
B
C
D
E
F
size
Press.
601112318 G1⁄8
10
19
20
48
22
5,5
19
601112328 G1⁄4
10
19
20
48
22
5,5
19
601112338 G3⁄8
10
19
21
53
24
8,0
21
601112348 G1⁄2
10
22
25
62
30
10,0
25



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com