Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C01250628 Datasheet(PDF) 4 Page - Norgren Ltd

Part # C01250628
Description  Pneufit C & Pneufit M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01250628 Datasheet(HTML) 4 Page - Norgren Ltd

  C01250628 Datasheet HTML 1Page - Norgren Ltd C01250628 Datasheet HTML 2Page - Norgren Ltd C01250628 Datasheet HTML 3Page - Norgren Ltd C01250628 Datasheet HTML 4Page - Norgren Ltd C01250628 Datasheet HTML 5Page - Norgren Ltd C01250628 Datasheet HTML 6Page - Norgren Ltd C01250628 Datasheet HTML 7Page - Norgren Ltd C01250628 Datasheet HTML 8Page - Norgren Ltd C01250628 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
02/04
N/UK 9.1.001.04
PNEUFIT® C & PNEUFIT® M
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
Speed controllers flowrate for C0K51, C0TA0,
C0L51 and C0SA0 banjo types
Speed controllers flowrate for C00GE banjo types
160
120
80
40
8
8
7
6
5
4
3
2
1
0
7
5
3
1
8
7
6
5
4
3
2
1
150
100
50
0
400
300
200
100
0
1
23
4
5678
9 10
8
7
5
3
1
300
400
500
200
100
8
7
6
5
4
3
2
1
0
04-01
800
600
400
200
0
1 2 3 4 5 6 7 8 910 1112
8
7
5
3
1
1
600
800
1000
400
200
8
7
6
5
4
3
2
1
0
06-02, 04-02
1400
1000
800
600
0
1
3
5
7
911
13 15
8
7
5
3
1
1000
1400
600
200
8
7
6
5
4
3
2
1
0
2000
1500
1000
500
0
1
3
5
7
911
13
8
7
5
3
1
1000
1500
2000
500
8
7
6
5
4
3
2
1
0
140
100
60
20
0
1
2
345
6
789 10
8
7
5
3
1
75
100
125
50
25
8
7
6
5
4
3
2
1
0
250
200
150
50
100
0
1
2
345
6
789 10
8
7
5
3
1
300
400
500
200
100
8
7
6
5
4
3
2
1
0
250
350
150
50
0
1
2
345
6
789 10
8
7
5
3
1
600
800
1000
400
200
8
7
6
5
4
3
2
1
0
700
500
300
100
0
1
2
345
6
789 10
8
7
5
3
1
600
800
400
200
8
7
6
5
4
3
2
1
0
1000
600
200
0
1
2
345
6
789 10
8
7
5
3
1
500
750
1000
250
8
7
6
5
4
3
2
1
0
Control flow
3, 4 and 6 mm
M5
C00GE0400
C00GE0600
C00GE0800
C00GE1000
C00GE1200
4, 6 and 8 mm
1/8
4, 6, 8, 10 and 12 mm
1/4
6, 8, 10 and 12 mm
3/8
8, 10 and 12 mm
1/2
Free flow
Needle turn
Pressure (bar)
Control flowFree flow
Needle turn
Pressure (bar)
Control flowFree flow
Needle turn
Pressure (bar)
Control flowFree flow
Needle turn
Pressure (bar)
Control flowFree flow
Needle turn
Pressure (bar)
Control flowFree flow
Needle turn
Pressure (bar)
Control flowFree flow
Needle turn
Pressure (bar)
Control flowFree flow
Needle turn
Pressure (bar)
Control flowFree flow
Needle turn
Pressure (bar)
Control flowFree flow
Needle turn
Pressure (bar)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com