Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSS050P03 Datasheet(PDF) 1 Page - Rohm

Part # RSS050P03
Description  4V Drive Pch MOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSS050P03 Datasheet(HTML) 1 Page - Rohm

  RSS050P03 Datasheet HTML 1Page - Rohm RSS050P03 Datasheet HTML 2Page - Rohm RSS050P03 Datasheet HTML 3Page - Rohm RSS050P03 Datasheet HTML 4Page - Rohm RSS050P03 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RSS050P03
Transistors
Rev.B
1/4
4V Drive Pch MOS FET
RSS050P03
Structure
External dimensions (Unit : mm)
Silicon P-channel MOS FET
Each lead has same dimensions
SOP8
5.0
1.27
0.2
1.75
(1)
(4)
(8)
(5)
0.4
1pin mark
Features
1) Low On-resistance.
2) Built-in G-S Protection Diode.
3) Small Surface Mount Package (SOP8).
Application
Power switching, DC / DC converter.
Packaging specifications
Equivalent circuit
Package
Code
Taping
Basic ordering unit (pieces)
RSS050P03
TB
2500
Type
(1) Source
(2) Source
(3) Source
(4) Gate
(5) Drain
(6 )Drain
(7) Drain
(8) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
∗2
∗1
(8)
(7)
(6)
(5)
(1)
(2)
(3)
(4)
Absolute maximum ratings (Ta=25
°C)
∗1
∗1
∗2
Parameter
V
VDSS
Symbol
−30
V
VGSS
±20
A
ID
±5.0
A
IDP
±20
A
IS
−1.6
A
ISP
−20
W
PD
2.0
°C
Tch
150
°C
Tstg
−55 to +150
Limits
Unit
Drain-source voltage
Gate-source voltage
Drain current
Total power dissipation
Channel temperature
Range of Storage temperature
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Source current
(Body diode)
Thermal resistance
°C / W
Rth (ch-a)
62.5
Parameter
Symbol
Limits
Unit
Channel to ambient
∗ Mounted on a ceramic board.
∗


Similar Part No. - RSS050P03

ManufacturerPart #DatasheetDescription
logo
Rohm
RSS050P03 ROHM-RSS050P03 Datasheet
87Kb / 5P
Switching (-30V, -5.0A)
RSS050P03TB ROHM-RSS050P03TB Datasheet
93Kb / 5P
Switching (??0V, ??.0A)
More results

Similar Description - RSS050P03

ManufacturerPart #DatasheetDescription
logo
Rohm
RSR015P03 ROHM-RSR015P03 Datasheet
58Kb / 3P
4V Drive Pch MOS FET
RSS060P05 ROHM-RSS060P05 Datasheet
129Kb / 5P
4V Drive Pch MOS FET
RSM002P03 ROHM-RSM002P03 Datasheet
65Kb / 3P
4V Drive Pch MOS FET
RSL020P03 ROHM-RSL020P03 Datasheet
66Kb / 3P
4V Drive Pch MOS FET
RSF010P03 ROHM-RSF010P03 Datasheet
65Kb / 3P
4V Drive Pch MOS FET
RSR025P03 ROHM-RSR025P03 Datasheet
66Kb / 3P
4V Drive Pch MOS FET
SP8J3 ROHM-SP8J3 Datasheet
113Kb / 5P
4V Drive PchPch MOS FET
SP8J5 ROHM-SP8J5 Datasheet
113Kb / 5P
4V Drive PchPch MOS FET
RSQ025P03FRA ROHM-RSQ025P03FRA Datasheet
1Mb / 8P
4V Drive Pch MOS FET
SP8J5FRA ROHM-SP8J5FRA Datasheet
428Kb / 7P
4V Drive PchPch MOS FET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com