Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2740-RQHH Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR2740-RQHH
Description  DAB Digital Processing Device
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2740-RQHH Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR2740-RQHH Datasheet HTML 1Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 2Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 3Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 4Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 5Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 6Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 7Page - ATMEL Corporation ATR2740-RQHH Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NOTE: This is a summary document.
The complete document is available
under NDA. For more information,
please contact your local Atmel sales
office.
Features
Highly Integrated Digital Device for DAB Receivers (Eureka 147)
Utilizes the ARM7TDMI® Core
– High-performance 32-bit RISC Architecture
– High-density 16-bit Instruction Set
– Embedded ICE (In-Circuit Emulation)
Utilizes TeakDSPCore
– 16-bit Fixed-point Digital Signal Processing Core
HDAB OFDM Channel Demodulator and Decoder
– Fully Integrated, Supports all DAB Functions and
Modes
– Full Data Rate of 1.8 Mbit Can Be Decoded
– Automatic Mode Detection (AMD)
– Digital AFC (Frequency Tolerance < 0.5 Hz for Mode I)
– Digital AGC with a Wide Gain Control Range
– Demodulation and Decoding of up to 64 UEP/EEP Sub-channels
Audio Source Decoder (ASD) and Data Decoder (DD)
– On-chip De-interleaver Memory for Full 1.8 Mbit/s Decoding Data Rate
– PAD Extraction
– Two Independent Data Packet Mode Decoder
Integrated High-density SRAM Supporting Time and Frequency De-interleaving
10 Msps High-speed Low-power Pipelined ADC
– Supports Wide IF Range of 2.048 MHz to 50 MHz
– Complex Bandpass Filtering
– Optional SAW Filter Equalization
ARM7TDMI Core User Software Extension
– Audio Player MP3 Support
Large Variety of Interfaces
–I2S/SPDIF, SFCO, SSO, RDI, RS-232, USART
– USB V1.1 Full Speed
– Two USARTs
– CAN 2.0A and 2.0B
Master/Slave SPI Interface
– Two Dedicated Peripheral Data Controller (PDC) Channels
– 8- to 16-bit Programmable Data Length
– Four External Slave Chip Selects
Programmable Watchdog Timer
Power Management Controller (PMC)
– CPU and Peripherals Can Be De-activated Individually
– Simple But Comfortable Gearing and Clocking Unit
32 User Programmable I/O Lines (PIO)
Low-power Consumption for Portable Applications (3.3V and 1.8V)
Robust LQFP128 Package, BGA121 Package
Very Low External Component Count
DAB Digital
Processing
Device
ATR2740
Summary
Preliminary
4816ES–DAB–01/07


Similar Part No. - ATR2740-RQHH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2740-RQHH ATMEL-ATR2740-RQHH Datasheet
541Kb / 7P
DAB DIGITAL PROCESSING DEVICE
ATR2740-RQHH ATMEL-ATR2740-RQHH Datasheet
197Kb / 9P
DAB Digital Processing Device
More results

Similar Description - ATR2740-RQHH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
Digital Audio Broadcast DAB decoder
January 1995
logo
Texas Instruments
TMS320C4X TI-TMS320C4X Datasheet
1Mb / 726P
Digital Signal Processing Solutions
logo
ATMEL Corporation
ATR2740 ATMEL-ATR2740 Datasheet
541Kb / 7P
DAB DIGITAL PROCESSING DEVICE
logo
TEMIC Semiconductors
U2759B TEMIC-U2759B Datasheet
141Kb / 9P
IF Signal Processing for DAB
U2752M TEMIC-U2752M Datasheet
79Kb / 6P
Digital I/Q-Generator Chip for DAB
logo
ATMEL Corporation
ATR2740 ATMEL-ATR2740_08 Datasheet
197Kb / 9P
DAB Digital Processing Device
ATR2740M1 ATMEL-ATR2740M1 Datasheet
195Kb / 8P
DAB Digital Processing Device
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
Digital audio processing circuit
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
Digital Control Audio Processing Circuit
logo
STMicroelectronics
STA660 STMICROELECTRONICS-STA660 Datasheet
212Kb / 8P
DAB/DAB/DMB-A multi-standard digital radio decoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com