Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS6X88TGY Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CJS6X88TGY
Description  Mini-Com TX6A™ 10Gig™ Shielded Jack Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CJS6X88TGY Datasheet(HTML) 2 Page - PANDUIT CORP.

  CJS6X88TGY Datasheet HTML 1Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2019 Panduit Corp.
ALL RIGHTS RESERVED.
COSP230--WW-ENG
4/2019
Mini-Com® TX6A™ 10Gig™Shielded Jack Modules
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
Dimensions are in inches (Dimensions in parenthesis are metric)
T est Results
Mechanical Test
Test Method
Measurement
Test Results
Normal Force
–
Load (grams)
> 100
Vibration
IEC 512-6d
Circuit Resistance (mOhms)
< 40
Shock
IEC 512-6c
Contact Disturbance (microseconds)
< 5
Durability
IEC 512-9a
Circuit Resistance (mOhms)
< 40
Mating/Un-mating
IEC 512-3b
Mating Force (N)
< 20
Un-mating Force (N)
< 20
Termination Cycles
IEC 352
Number of Cycles
> 20
Mating Cycles
IEC 60603-7
Number of Plug Insertions
> 2500
Electrical Test
Test Method
Measurement
Test Results
Low Level Circuit Resistance
IEC 512-2a
Resistance (mOhms)
< 20
Dielectric Withstand Voltage
IEC 512-4a
1000 VAC, 1 minute
Passed
Insulation Resistance
IEC 512-3a
Resistance (MOhms)
> 500
Electrical Test
Test Method
Measurement
Test Results
Temperature Life
IEC 512-9b
Circuit Resistance (mOhms)
< 40
Humidity
IEC 512-11c
Circuit Resistance (mOhms)
< 40
Thermal Shock
IEC 512-11d
Circuit Resistance (mOhms)
< 40
Climatic Sequence
IEC 512-11a
Circuit Resistance (mOhms)
< 40
Flowing Mixed Gas Corrosion
IEC 512-11g
Circuit Resistance (mOhms)
< 40
Shielded Jac k Module and Standar d
Wir e Cap
Shutter ed Shielded Jac k Module and
Standar d Wir e Cap
0.62
(15.87)
0.73
(18.64)
1.42
(36.18)
0.62
(15.87)
0.74
(18.77)
1.50
(38.13)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com