Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWST Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CWST
Description  Mini-Jack ™TX5e™ UTP Jack Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CWST Datasheet(HTML) 2 Page - PANDUIT CORP.

  CWST Datasheet HTML 1Page - PANDUIT CORP. CWST Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T est Results
Mini-Com ® Mini-Jack ™ TX5e™ UTP Jack Module
© 2010 Panduit Corp.
ALL RIGHTS RESERVED.
WW-COSP179
11/2010
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300 and reference COSP179
Visit us at www.panduit.com
For more information
Dimensions are in inches. [Dimensions in brackets are metric].
.62
[15.9]
Termination Cap
Module Housing
.72
[18.3]
1.37
[34.8]
Performance Test
Test Method
100 MHz
Typical Test Results (dB)
Additional Transmission
Performance Specifications
for 4-pair 100Ohm
Category 5e Cabling,
ANSI/TIA-568-C.2
NEXT
> 43
> 35
< .40
> 20
FEXT
Attenuation
Return Loss
Normal Force
00
1
>
)
s
m
a
r
g
(
d
a
o
L
—
IEC 512-6d
Circuit Resistance Change (mOhms)
< 40
IEC 512-9a
Circuit Resistance Change (mOhms
< 40
IEC 512-13b
Mating Force (N)
< 20
Unmating Force (N)
< 20
Vibration
Durability
Mating/Unmating
Mechanical Test
Test Method
Measurement
Typical Test Results
Temperature Life
IEC 512-9b
Circuit Resistance Change (mOhms)
< 40
IEC 512-11c
Circuit Resistance Change (mOhms)
< 40
IEC 512-11d
Circuit Resistance Change (mOhms)
< 40
IEC 512-11a
Circuit Resistance Change (mOhms)
< 40
IEC 512-11g
Circuit Resistance Change (mOhms)
< 40
Humidity
Thermal Shock
Climatic Sequence
Flowing Mixed Gas Corrosion
Environmental Test
Test Method
Measurement
Typical Test Results
Low Level Circuit Resistance
40
<
)
s
m
h
O
m
(
e
c
n
a
t
s
i
s
e
R
a
2
-
2
1
5
C
E
I
IEC 512-4a
1000VAC, 1 minute
Passed
IEC 512-3a
Resistance (MOhms)
> 1000
Dielectric Withstand Voltage
Insulation Resistance
Electrical Test
Test Method
Measurement
Typical Test Results
Consult factory for cable brand specific channel test results



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com