Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWST Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # CWST
Description  Mini-Com TX6 PLUS UTP Jack Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CWST Datasheet(HTML) 2 Page - PANDUIT CORP.

  CWST Datasheet HTML 1Page - PANDUIT CORP. CWST Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T est Results
Mini-Com ® TX6 ™ PLUS UTP Jack Module
IEC 512-9b
NEXT
Performance Test
Test Method
20 MHz
100 MHz
Typical Test Results (dB)
200 MHz
250 MHz
PS NEXT
FEXT
PS FEXT
Attenuation
Return Loss
Consult technical support for cable brand specific channel test results.
Category 6
ANSI/TIA-568-C.2
Standard
> 68.0
> 64.0
> 57.1
> 54.1
< 0.10
> 30
> 54.0
> 50.0
> 43.1
> 40.1
< 0.20
> 24.0
> 48.0
> 44.0
> 37.1
> 34.1
< 0.28
> 18.0
> 46.0
> 42.0
> 35.1
> 32.2
< 0.32
> 16.0
Vibration
Normal Force
Mechanical Test
Test Method
Measurement
Typical Test Results
Durability
Mating/Unmating
IEC 512-6d
IEC 512-9a
Circuit Resistance (mOhms)
–
Load (grams)
Circuit Resistance (mOhms)
IEC 512-13b
Mating Force (N)
Unmating Force (N)
< 40
>100
< 40
< 20
< 20
Low Level Circuit Resistance
Electrical Test
Test Method
Measurement
Typical Test Results
Dielectric Withstand Voltage
Insulation Resistance
IEC 512-2a
IEC 512-4a
IEC 512-3a
Resistance (mOhms)
1000 VAC, 1 minute
Resistance (MOhms)
Passed
< 40
> 500
Temperature Life
Environmental Test
Test Method
Measurement
Typical Test Results
Humidity
Thermal Shock
IEC 512-11c
IEC 512-11d
Circuit Resistance (mOhms)
Circuit Resistance (mOhms)
Circuit Resistance (mOhms)
< 40
< 40
< 40
Climatic Sequence
IEC 512-11a
Circuit Resistance (mOhms)
< 40
Flowing Mixed Gas Corrosion
IEC 512-11g
Circuit Resistance (mOhms)
< 40
.63
[15.88]
Twist
Preservation Cap
Module Housing
1.43
[36.37]
.71
[18.08]
© 2010 Panduit Corp.
ALL RIGHTS RESERVED.
WW-COSP14
11/2010
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300 and reference COSP14
Visit us at www.panduit.com
For more information
Dimensions are in inches. [Dimensions in brackets are metric].



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com