Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWST Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # CWST
Description  Mini-Com TX6™ PLUS UTP Jack Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CWST Datasheet(HTML) 1 Page - PANDUIT CORP.

  CWST Datasheet HTML 1Page - PANDUIT CORP. CWST Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
Category 6A/Class EA, 8-position, UTP jack module shall terminate 4-pair,
22 – 26 AWG, 100 ohm unshielded twisted pair cable and shall not require
use of a punchdown tool. The termination cap shall be color-coded blue to
designate Category 6A performance and shall include a universal label
coded for T568A and T568B wiring schemes. The Mini-Com® TX6A™ 10Gig
UTP Jack Module must be installed as part of the TX6A™ 10Gig UTP Copper
Cabling System to achieve IEEE 10GBASE-T certified performance.
Mini-Com® TX6A™ 10Gig UTP Jack
Modules with MaTriX Technology
SPECIFIC A TION SHEET
technical information
Category 6A/Class
EA channel and
component performance:
Certified channel performance in a 4-connector configuration up to 100
meters and exceeds the requirements of ANSI/TIA-568.2-D Category 6A
and ISO 11801 Class EA standards swept up to 650 MHz for supporting
10GBASE-T transmission over twisted-pair cabling systems as part of
the Panduit® TX6A™ 10Gig UTP Copper Cabling System
Exceeds component requirements of ANSI/TIA-568.2-D Category 6A
and ISO 11801 Class EA standards for supporting 10GBASE-T
transmission over twisted-pair cabling systems
FCC and ANSI
compliance:
Meets ANSI/TIA-1096-A contacts plated with 50 microinches of gold for
superior performance
IEC compliance:
Meets IEC 60603-7 and IEC 60512-99-001
RoHS compliance:
Compliant
PoE & PoH compliance:
Rated for 2500 cycles with IEEE 802.3af / 802.3at and 802.3bt type 3
and type 4. Supports Power over HDBaseT up to 100 watts.
UL rated:
UL 1863 (Use as communications circuit accessory)
UL 2043 (Suitable for use in air-handling spaces)
Operating Temperature:
-10°C to 65°C (14°F to 149°F)
Conductor
termination range:
Wire cap compatible with 22 – 26 AWG solid or stranded cable with
conductor insulation diameters of 0.060 in. max and overall cable O.D.
0.200 in. to 0.330 in.
TX6A™ 10Gig UTP Copper
Cabling System with
MaTriX Technology
Mini-Com® TX6A™ 10Gig UTP
Jack Modules with Split Foil
MaTriX Technology
Jack module:
CJ6X88TG*
Shuttered jack
module:
CJH6X88TG*
Up/Down 45° angle
jack module:
CJUD6X88TG*
Left/Right 45° angle
jack module:
CJLR6X88TG*
Tools and Accessories
Jack module
termination tool
:
TGJT or EGJT-1
Wire snipping tool:
CWST
Wire stripping tool:
CJAST
Clear dust cap:
MDC-C
Blockout device:
PSL-DCJB-^^^
Phone icons:
CIPIW-C+
Data icons:
CIDIW-C+
*To designate color, add suffix IW (Off White),
EI (Electric Ivory), IG (International Gray),
AW (Arctic White), BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green),
OR (Orange,) BR (Brown), GD (Gold), LB (Light
Blue), PK (Pink) or VL (Violet).
^^^To designate color other than Red, add suffix
Black (BL), Blue (BU), Yellow (YL), Green (GR),
Orange (OR), Off White (IW), or International
Gray (IG) at the end of the part number.
10/package.
+
To designate color other than IW (Off White),
replace IW with EI (Electric Ivory),
IG (International Gray), BL (Black), BU (Blue),
RD (Red), YL (Yellow), GR (Green), OR (Orange),
or VL (Violet) in the part number. 100/package
Contact customer service for bulk packaged
and/or keyed jack modules.
key features and benefits
Interoperable
Compatible with components of the TX6A™ and TX6A-SD™ 10Gig
UTP Copper Cabling System with MaTriX Technology (100 and 70
meter solutions) for increased design flexibility
Alien crosstalk suppression
Innovative MaTriX split foil technology provides superior alien cross-
talk performance enabling high density applications (48-ports, 1 RU)
100% performance tested
Confidence that each jack module will deliver the critical
electrical performance requirements
Individually serialized
Marked with quality control number for future traceability
Shuttered version available
Integrated spring shuttered door keeps out dust and debris of
unmated RJ45 jack modules automatically
Angle termination
version available
Side opening allows cable to be terminated to the right or left side of the
jack module; ideal for installations that have minimal depth to not violate
cable bend radius
Termination tools (optional)
EGJT-1 termination tool ensures conductors are fully terminated by
utilizing a smooth forward motion without impact on critical internal
components for maximum reliability; TGJT termination tool ideal for
high volume installations
Block out device (optional)
Provides a simple and secure method to control access to data ports
while not in use
applications
Mini-Com® TX6A™ 10Gig UTP Jack Modules
are a component of the TX6A™ 10Gig UTP
Copper Cabling System with MaTriX
Technology. This end-to-end system provides
a cost effective medium for ensuring that
network bandwidth needs are easily met today
and in the future. The Panduit solution helps
ensure organizations efficiently and reliably
meet their data transmission needs. With
certified performance to the ISO 11801
Class EA, IEEE 802.3an-2006 and
ANSI/TIA-568.2-D Category 6A standards,
this system will support high bandwidth
applications like 10GBASE-T and HDBaseT
and is ideal for running next generation Power
over Ethernet (POE++)


Similar Part No. - CWST

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CWST HAMMOND-CWST Datasheet
72Kb / 1P
Goulotte guide-fils avec couvercle a charniere pour pose a plat, type 1
logo
PANDUIT CORP.
CWST PANDUIT-CWST Datasheet
135Kb / 1P
Cable Prep Tools Module Termination Tools and Accessories
CWST PANDUIT-CWST Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
CWST PANDUIT-CWST Datasheet
157Kb / 2P
Mini-Jack ™TX5e™ UTP Jack Module
11/2010
CWST PANDUIT-CWST Datasheet
191Kb / 2P
Mini-Com® TX6™ PLUS UTP Jack Modules
More results

Similar Description - CWST

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
CJ88IWY PANDUIT-CJ88IWY Datasheet
94Kb / 2P
Mini-Com짰 Mini-Jack??Category 3 UTP Jack Modules
CJ688TG PANDUIT-CJ688TG Datasheet
110Kb / 1P
TX6 PLUS CAT6 JACK MODULE
CJK688TG PANDUIT-CJK688TG Datasheet
168Kb / 3P
MINI-COM TX6 PLUS UTP KEYED JACK MODULE CUSTOMER DRAWING
CJS688TGY PANDUIT-CJS688TGY Datasheet
486Kb / 3P
Mini-Com짰 TX6??PLUS Shielded Jack Modules
CM35MSS PANDUIT-CM35MSS Datasheet
59Kb / 1P
MINI-COM 3.5MM HEAD PHONE JACK MODULE
NK6TMEI PANDUIT-NK6TMEI Datasheet
572Kb / 2P
NetKey Category 6 UTP Jack Modules
CJ688TGAW PANDUIT-CJ688TGAW Datasheet
230Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Modules
CC688BL PANDUIT-CC688BL Datasheet
261Kb / 2P
Mini-Com짰 TX6??PLUS UTP Coupler Modules and Patch Panel S P E C I F I C AT I O N S H E E T
4/2015
CJ5E88TGBL PANDUIT-CJ5E88TGBL Datasheet
180Kb / 2P
Mini-Com짰 TX5e??UTP Jack Modules
4/2015
CJ688TPIW PANDUIT-CJ688TPIW Datasheet
170Kb / 2P
Mini-Com짰 TX6??PLUS UTP Jack Module
5/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com