Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJS6X88TGY Datasheet(PDF) 10 Page - PANDUIT CORP.

Part # CJS6X88TGY
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CJS6X88TGY Datasheet(HTML) 10 Page - PANDUIT CORP.

Back Button CJS6X88TGY Datasheet HTML 4Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 5Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 6Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 7Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 8Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 9Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 10Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 11Page - PANDUIT CORP. CJS6X88TGY Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Network Infrastructure for the Enterprise
TM
Order number of pieces required, in multiples of Standard Package Quantity.
10
< Previous Page Table of Contents Next Page >
Cabinets
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
N8212BC
Net-Access™ N-Type Cabinet frame with top panel.
Dimensions: 78.8"H x 31.5"W x 42.0"D
(2000mm x 800mm x 1067mm). Color: Black.
1
1
N8512BC
Net-Access™ N-Type Cabinet frame with top panel.
Dimensions: 84.0"H x 31.5"W x 42.0"D
(2134mm x 800mm x 1067mm). Color: Black.
1
1
N8822BC
Net-Access™ N-Type Cabinet frame with top panel.
Dimensions: 88.5"H x 31.5"W x 48.0"D
(2205mm x 800mm x 1219mm). Color: Black.
1
1
S8212BA
Net-Access™ S-Type Cabinet frame with top panel.
Dimensions: 79.8"H x 42.0"W x 42.0"D
(2026mm x 800mm x 1067mm). Color: Black.
1
1
S8522BA
Net-Access™ S-Type Cabinet frame with top panel.
Dimensions: 85.0"H x 31.5"W x 48.0"D
(2160mm x 800mm x 1219mm). Color: Black.
1
1
N8212BC
S8212BA
Power Distribution Unit
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
HB0D2J0AA10M1
Horizontal power strip with a 16 A, 230V, 10 IEC C-13 receptacles,
with C-20 power inlet, retaining clamp included. CE Marked
1
1
VB0D2J0AA20M1
Vertical power strip with a 16 A, 230V, 20 IEC C-13 receptacles,
with C-20 power inlet. CE Marked
1
1
HB0D2J0AA10M1
Grounding
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
CNBK
Bonding cage nut kit.
1
—
RGCBNJ660P22
Jumper kits, Common Bonding Network (CBN), #6 AWG (16mm2)
jumper, 60" (1.52m) length.
1
—
RGTBSG-C
Green thread-forming bonding screw, #12-24 x 1/2".
100 1000
CNBK
RGCBNJ660P22
Cable Ties
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
HLS-75R0
Hook and loop roll, 75'L (22.9m), 0.75"W (19.1mm), Black.
1
10
HLS-15R0
Hook and loop roll, 15'L (4.6m), 0.75"W (19.1mm), Black.
1
10
TTS-35RX0
Hook and loop roll, 10 roll pack, low profile, 35'L (10.7m), 0.75"W
(19.1mm), Black.
1
10
PLT3I-C
Cable tie, 11.4"L (290mm), Intermediate, nylon, Natural.
100
1000
PLT3S-C2
Cable tie, 11.5"L (292mm) Standard, nylon, Red.
100
1000
PLT8LH-C0
Cable tie, 27.6"L (701mm), Light-Heavy, weather resistant, Black.
100
2000
PLT4S-M30
Cable tie, 14.5"L (368mm), Standard, heat stabilized, Black.
1000 10000
PLT3S-M2
Cable tie, 11.5"L (292mm) Standard, nylon, Red.
1000 10000
PLT4I-M
Cable tie, 14.5"L (368mm), Intermediate, nylon, Natural.
1000 10000
PLT
HLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com