Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS-CC Datasheet(PDF) 1 Page - Turck, Inc.

Part # FS-CC
Description  Closure Caps
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

FS-CC Datasheet(HTML) 1 Page - Turck, Inc.

  FS-CC Datasheet HTML 1Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D96 B2007
www.turck.us
· 1-800-544-7769 · Fax: (763) 553-0708 · TURCK Inc. Minneapolis, MN 55441
M12 eurofast
® Connectivity
Drawing
Part Number
Features
RK-CC
Nickel plated brass, M12x1 threads, 6" lanyard, mates to male
cordsets and receptacles
RKV-CC
Stainless steel, M12x1 threads, 6" lanyard, mates to male cordsets and
receptacles
RS-CC
Nickel plated brass, M12x1 threads, 6" lanyard, mates to female
cordsets and receptacles
RSV-CC
Stainless steel, M12x1 threads, 6" lanyard, mates to female cordsets
and receptacles
FK-CC
Nickel plated brass, M12x1 threads, 6" lanyard with eyelet, mates to
male cordsets and receptacles
FKV-CC
Stainless steel, M12x1 threads, 6" lanyard with eyelet, mates to male
cordsets and receptacles
FS-CC
Nickel plated brass, M12x1 threads, 6" lanyard with eyelet, mates to
female cordsets and receptacles
FSV-CC
Stainless steel, M12x1 threads, 6" lanyard with eyelet, mates to
female cordsets and receptacles
FKK-CC
Plastic, M12x1 threads, 3" lanyard with eyelet, mates to male cordsets
and receptacles
FSK-CC
Plastic,M12x1 threads,3" lanyard with eyelet, mates to female
cordsets and receptacles
Closure Caps


Similar Part No. - FS-CC

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
FS-CB33RD YSTONE-FS-CB33RD Datasheet
269Kb / 2P
SINGLE DIGIT LED DISPLAYS
More results

Similar Description - FS-CC

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70L-IDC5S GRAYHILL-70L-IDC5S Datasheet
116Kb / 2P
Contact Closure DC Input Modules
logo
Qualtek Electronics Cor...
QSEC QUALTEK-QSEC Datasheet
590Kb / 1P
END CAPS
QSEC QUALTEK-QSEC_13 Datasheet
763Kb / 1P
END CAPS
logo
List of Unclassifed Man...
AT293-10M ETC2-AT293-10M Datasheet
53Kb / 1P
CLOSURE PLATE TAPE
logo
Molex Electronics Ltd.
130155-0078 MOLEX11-130155-0078 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
130155-0081 MOLEX11-130155-0081 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
130155-0082 MOLEX11-130155-0082 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
130155-0083 MOLEX11-130155-0083 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
130155-0084 MOLEX11-130155-0084 Datasheet
37Kb / 1P
Watertite Connector Closure Cover
1203080677 MOLEX-1203080677 Datasheet
21Kb / 1P
Plastic Closure Cap
04/05/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com