Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFPAGS2AWY Datasheet(PDF) 9 Page - PANDUIT CORP.

Part # CFPAGS2AWY
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFPAGS2AWY Datasheet(HTML) 9 Page - PANDUIT CORP.

Back Button CFPAGS2AWY Datasheet HTML 4Page - PANDUIT CORP. CFPAGS2AWY Datasheet HTML 5Page - PANDUIT CORP. CFPAGS2AWY Datasheet HTML 6Page - PANDUIT CORP. CFPAGS2AWY Datasheet HTML 7Page - PANDUIT CORP. CFPAGS2AWY Datasheet HTML 8Page - PANDUIT CORP. CFPAGS2AWY Datasheet HTML 9Page - PANDUIT CORP. CFPAGS2AWY Datasheet HTML 10Page - PANDUIT CORP. CFPAGS2AWY Datasheet HTML 11Page - PANDUIT CORP. CFPAGS2AWY Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TM
www.panduit.com
For service and technical support, call 1-800-PANDUIT.
9
Network Infrastructure for the Enterprise
< Previous Page Table of Contents Next Page >
Cable Managers
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Vertical Managers
WMPV45E
NetRunner™ Vertical Cable Manager, front and rear, 45 RU, 4"x 5".
1
10
WMPVHC45E
NetRunner™ Vertical Cable Manager, front and rear, 45 RU, 6" x 6".
1
10
PRVF6
PatchRunner™ Vertical Cable Manager, front only 6 inch.
1
—
PRV8
PatchRunner™ Vertical Cable Manager, front and rear 8 inch.
1
—
PRV12
PatchRunner™ Vertical Cable Manager front and rear 12 inch.
1
—
Doors
PRD8
PatchRunner™ 8 Inch (203mm) Dual Hinge Door for 84 inches high.
1
—
PRD12
PatchRunner™ 12 Inch (305mm) Dual Hinge Door.
1
1
Horizontal Managers
WMPFSE
PatchLink™ Horizontal Cable Manager, front only, 1 RU.
1
1
WMP1E
Horizontal cable manager front and rear, 2 RU.
1
1
WMPF1E
Horizontal cable manager front only, 2 RU.
1
1
NCMHAEF2
2 RU high capacity horizontal cable manager with hinged cover,
front only.
1
1
NCMHF1
1 RU horizontal cable manager with hinged cover, front only
1
1
NMF2
2 RU horizontal cable manager with hinged cover, front only.
1
1
NMF2
WMPFSE
PRV8
Zone Enclosures
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PZAEWM3
PanZone™ Active Wall Mount Enclosure, includes mounting template
for quick installation.
1
—
PZICEE
Economical passive in-ceiling zone cabling enclosure. Accepts up to
8 RU of standard 19" patch panels. Includes mounting brackets and
integrated horizontal slack manager. White.
23.50"H x 23.50"W x 13.43"D (596.9mm x 596.9mm x 341.1mm).
1
—
PZLRB4U
4 RU ladder rack bracket. Bracket fits Wyr-Grid™ Overhead Cable Tray.
1
1
PZICEE
PZAEWM3
WMPV45E
NCMHAEF2
PRD8
PZLRB4U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com