Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC225 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC225
Description  DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC225 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC225 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC225 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC225 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Conditions:
Temperature:25°C
(1)EfficiencyvsOutputcurrent
(2)EfficiencyvsInputvoltage
(3)Blockdiagram
Productionandsalesoffice
ZonaIndustriale,3-39052Caldaro(BZ)Italy
Tel.:+390471962255-Fax:+390471965668
http://www.elektra.it-e-mail:info@elektra.it
ELEKTRA srl
SalesofficeforGermany
Arnbacherstr.,32-85247SchwabhausenGermany
Tel.:+49081389161-Fax:+49081388484
e-mail:elektra.reinstadler@t-online.de
ELEKTRA REINSTADLERGmbH
ISO9001
Registered
DC/DCConverter
SC225
36 Watt
800
400
1200
0
Outputcurrent[mA]
@Inputvoltage:24V
Inputvoltage[V]
18
24
36
30
@Outputcurrent:1200mA
PWM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com