Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1553DBKBAT Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1553DBKBAT
Description  ABS Plastic Hand Held Enclosures 1553 Series Soft Sided, Ergonomic Comfort, Battery Compartments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1553DBKBAT Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1553DBKBAT Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1553DBKBAT Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1553DBKBAT Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1553DBKBAT Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9/6/2021
ABS Plastic Hand Held Enclosures (1553 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1553
2/4
ProtoBoard Printed Circuit Boards:
High quality FR4 glass epoxy board
Specifically designed to fit enclosures
shown in the table below
Mounting screws included
Lead free etched copper PCB with a
flux coating for easy soldering
0.042" holes drilled on 0.1" centers
For more information link to the BPS
(BusBoard Prototype Systems)
website www.busboard.com
1553BPCB - works with 1553 sizes "B" and
"C"
1553DBPCB - works with 1553 size "D"
Belt/ Pocket Clip Option:
Molded from touch nylon
Includes 2 nylon screws (insulated to
avoid interference)
Mounting Template Included (user
drilling required)
1599CLIP (black)
1599CLIPGY (gray)
IR End Panels
Replaces existing front plastic panel.
Dark red plastic filter (transparent to
IR).
For all 1553 "B" sized enclosures - Part
Number 1553BIR-BULK
For all 1553 "D" sized enclosures - Part
Number 1553DIR-BULK
Accessories:
Single End Panel
Part Number
Enclosure
Overmold
Overall Dimensions
Max. P.C. Board
Color
Color
Length
Width
Depth
Length
Width
1553AABK
Black
Gray
2.95
1.97
0.67
2.73
1.65
1553AAGY
Grey
Gray
2.95
1.97
0.67
2.73
1.65
1553ABK
Black
Gray
3.94
2.41
0.67
3.73
1.90
1553AGY
Grey
Gray
3.94
2.41
0.67
3.73
1.90
1553BBK
Black
Gray
4.62
3.11
0.95
4.30
2.40
1553BGY
Grey
Gray
4.62
3.11
0.95
4.30
2.40
1553BBKBK
Black
Black
4.62
3.11
0.95
4.30
2.40
1553BTBUBK
Trans Blue
Black
4.62
3.11
0.95
4.30
2.40
1553BRDBK
Red
Black
4.62
3.11
0.95
4.30
2.40
1553BYLBK
Yellow
Black
4.62
3.11
0.95
4.30
2.40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com