Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD57045 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD57045
Description  RF POWER TRANSISTORS The LdmoSTFAMILY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57045 Datasheet(HTML) 1 Page - STMicroelectronics

  SD57045 Datasheet HTML 1Page - STMicroelectronics SD57045 Datasheet HTML 2Page - STMicroelectronics SD57045 Datasheet HTML 3Page - STMicroelectronics SD57045 Datasheet HTML 4Page - STMicroelectronics SD57045 Datasheet HTML 5Page - STMicroelectronics SD57045 Datasheet HTML 6Page - STMicroelectronics SD57045 Datasheet HTML 7Page - STMicroelectronics SD57045 Datasheet HTML 8Page - STMicroelectronics SD57045 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SD57045
RF POWER TRANSISTORS
The
LdmoST FAMILY
ADVANCE DATA
N-CHANNEL ENHANCEMENT-MODE LATERAL
MOSFETs
ν
EXCELLENT THERMAL STABILITY
ν
COMMON SOURCE CONFIGURATION
ν
POUT = 45 W PEP with 13 dB gain @ 945 MHz
ν
BeO FREE PACKAGE
DESCRIPTION
The SD57045 is a common source N-Channel
Enhancement-Mode lateral Field-Effect RF power
transistor designed for broadband commercial
and industrial applications at frequencies up to
1.0 GHz. The SD57045 is designed for high gain
and
broadband
performance
operating
in
common source mode at 28V. It is ideal for base
stations applications requiring high linearity.
PIN CONNECTION
March 2000
ABSOLUTE MAXIMUM RATINGS (Tcase =25
oC)
Symbol
Parameter
Val ue
Uni t
V(BR)DSS
Drain Source Voltage
65
V
VDGR
Drain-Gat e Voltage (RGS =1 M
Ω)
65
V
VGS
Gat e-Source Voltage
± 20
V
ID
Drain Current
5
A
PDISS
Power Dissipation (@ T c = 70
oC)
93
W
Tj
Max. O perat ing Junction Temperature
200
oC
TSTG
Storage Temperature
-65 to 200
oC
THERMAL DATA (Tcase =70
oC)
Rth (j-c)
Rth(c -s)
Junct ion-Case Thermal Resistance
Case-Heatsink Thermal Resist ance
1.4
0.45
oC/W
oC/W
* Determined using a flat aluminum or copper heatsink with thermal compound applied (Dow Corning 340 or equivalent).
M243
(Epoxy Sealed)
®
ORDER CODE
BRANDING
SD57045
TSD57045
1. Drain
3.Source
2. Gate
1/11


Similar Part No. - SD57045

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD57045 ETC1-SD57045 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD57045-01 STMICROELECTRONICS-SD57045-01 Datasheet
233Kb / 11P
RF POWER TRANSISTORS The LdmoSTFAMILY
Mar-2000
logo
List of Unclassifed Man...
SD57045-01 ETC1-SD57045-01 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD57045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56150 STMICROELECTRONICS-SD56150 Datasheet
214Kb / 8P
RF POWER TRANSISTORS The LdmoST FAMILY
27-Nov-2002
SD57030-01 STMICROELECTRONICS-SD57030-01 Datasheet
73Kb / 7P
RF POWER TRANSISTORS The LdmoSTFAMILY
Jan-2000
SD57045-01 STMICROELECTRONICS-SD57045-01 Datasheet
233Kb / 11P
RF POWER TRANSISTORS The LdmoSTFAMILY
Mar-2000
SD57060-01 STMICROELECTRONICS-SD57060-01 Datasheet
71Kb / 8P
RF POWER TRANSISTORS The LdmoSTFAMILY
Jan-2000
SD57060 STMICROELECTRONICS-SD57060 Datasheet
73Kb / 8P
RF POWER TRANSISTORS The LdmoSTFAMILY
Jan-2000
SD57120 STMICROELECTRONICS-SD57120 Datasheet
63Kb / 7P
RF POWER TRANSISTORS The LdmoSTFAMILY
Mar-2000
SD57030 STMICROELECTRONICS-SD57030 Datasheet
262Kb / 7P
RF POWER TRANSISTORS The LdmoST FAMILY
24-Mar-2003
logo
Motorola, Inc
TP3019 MOTOROLA-TP3019 Datasheet
121Kb / 3P
The RF Line UHF Power Transistors
MRA0610 MOTOROLA-MRA0610 Datasheet
308Kb / 6P
THE RF LINE UHF POWER TRANSISTORS
logo
STMicroelectronics
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
RF POWER TRANSISTORS The LdmoST FAMILY
11-Mar-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com