Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1860CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1860CS8
Description  mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1860CS8 Datasheet HTML 4Page - Linear Technology LTC1860CS8 Datasheet HTML 5Page - Linear Technology LTC1860CS8 Datasheet HTML 6Page - Linear Technology LTC1860CS8 Datasheet HTML 7Page - Linear Technology LTC1860CS8 Datasheet HTML 8Page - Linear Technology LTC1860CS8 Datasheet HTML 9Page - Linear Technology LTC1860CS8 Datasheet HTML 10Page - Linear Technology LTC1860CS8 Datasheet HTML 11Page - Linear Technology LTC1860CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC1860/LTC1861
18601f
LT/TP 0502 2K • PRINTED IN USA
RELATED PARTS
©LINEAR TECHNOLOGY CORPORATION 2001
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
PART NUMBER
SAMPLE RATE
POWER DISSIPATION
DESCRIPTION
12-Bit Serial I/O ADCs
LTC1286/LTC1298
12.5ksps/11.1ksps
1.3mW/1.7mW
1-Channel with Ref. Input (LTC1286), 2-Channel (LTC1298), 5V
LTC1400
400ksps
75mW
1-Channel, Bipolar or Unipolar Operation, Internal Reference, 5V
LTC1401
200ksps
15mW
SO-8 with Internal Reference, 3V
LTC1402
2.2Msps
90mW
Serial I/O, Bipolar or Unipolar, Internal Reference
LTC1404
600ksps
25mW
SO-8 with Internal Reference, Bipolar or Unipolar, 5V
14-Bit Serial I/O ADCs
LTC1417
400ksps
20mW
16-Pin SSOP, Unipolar or Bipolar, Reference, 5V
LTC1418
200ksps
15mW
Serial/Parallel I/O, Internal Reference, 5V
16-Bit Serial I/O ADCs
LTC1609
200ksps
65mW
Configurable Bipolar or Unipolar Input Ranges, 5V
LTC1864/LTC1865
250ksps
4.25mW
SO-8, MS8, 1-Channel, 5V/SO-8, MS10, 2-Channel, 5V
References
LT1460
Micropower Precision Series Reference
Bandgap, 130
µA Supply Current, 10ppm/°C, Available in SOT-23
LT1790
Micropower Low Dropout Reference
60
µA Supply Current, 10ppm/°C, SOT-23
TYPICAL APPLICATIO
–
+
–
+
0.1
µF
0.1
µF
0.1
µF
0.1
µF
1
µF
1
µF
0.1
µF1µF
100
Ω
100
Ω
28.7k
10k
4.096V
REF
5V
5V
5k
5k
10k
20k
100pF
100pF
5pF
1/2
LT1492
1/2
LT1492
f1
(0V TO 0.66V)
f2
(0V TO 2V)
8
4
2
81
7
6
5
4
3
4.096V
REF
LTC1860
IN+
IN–
VCC
GND
CONV
SDO
SCK
REF
1860 TA03
Sample Two Channels Simultaneously with a Single Input ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com