Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5.04.668.005/1002 Datasheet(PDF) 4 Page - Xymox Technologies, Inc.

Part # 5.04.668.005/1002
Description  RK 90 keycaps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAFI [Xymox Technologies, Inc.]
Direct Link  https://www.rafi-group.com/en/
Logo RAFI - Xymox Technologies, Inc.

5.04.668.005/1002 Datasheet(HTML) 4 Page - Xymox Technologies, Inc.

  5.04.668.005/1002 Datasheet HTML 1Page - Xymox Technologies, Inc. 5.04.668.005/1002 Datasheet HTML 2Page - Xymox Technologies, Inc. 5.04.668.005/1002 Datasheet HTML 3Page - Xymox Technologies, Inc. 5.04.668.005/1002 Datasheet HTML 4Page - Xymox Technologies, Inc. 5.04.668.005/1002 Datasheet HTML 5Page - Xymox Technologies, Inc. 5.04.668.005/1002 Datasheet HTML 6Page - Xymox Technologies, Inc. 5.04.668.005/1002 Datasheet HTML 7Page - Xymox Technologies, Inc. 5.04.668.005/1002 Datasheet HTML 8Page - Xymox Technologies, Inc. 5.04.668.005/1002 Datasheet HTML 9Page - Xymox Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 - 82
PCB Keyswitches
4
RK
90
RK 90 keycaps
RK 90 keycaps, plastic, 14 mm
Pict.: opaque green
General data
Keycap system for 19.05 mm grid. The keycaps can be legended by laser-printing, engraving or standard printing. Legend
inserts can be used for the transparent lenses. Keycaps / sets with legends and other keycap shapes / colours available
on request.
RK 90 keycaps, plastic, 14 mm, 1-module
Pict.: opaque green
Size
Illuminability
Dimension (a) keycap
behind front panel
Dimension (b)
keycap in front of
front panel
Dimension (c) hole
patterns final size
Order no.
without lens
1-module
yes
17.20 x 17.20 mm
13.85 x 13.85 mm
14.00 x 14.00 mm
5.55.103.030/1013
Lenses:
Lens RK 90, 14 x 14 mm, 1-module, opaque red: 5.46.681.001/0309
Lens RK 90, 14 x 14 mm, 1-module, opaque yellow: 5.46.681.001/0409
Lens RK 90, 14 x 14 mm, 1-module, opaque green: 5.46.681.001/0514
Lens RK 90, 14 x 14 mm, 1-module, opaque blue: 5.46.681.001/0611
Lens RK 90, 14 x 14 mm, 1-module, opaque light grey: 5.46.681.001/0700
Lens RK 90, 14 x 14 mm, 1-module, transparent colourless: 5.46.681.021/1002
Lens RK 90, 14 x 14 mm, 1-module, transparent red: 5.46.681.021/1307
Lens RK 90, 14 mm, 1.5-module, transparent yellow: 5.46.681.021/1403
Lens RK 90, 14 x 14 mm, 1-module, transpatent green: 5.46.681.021/1510
Laser-printed opaque lenses on request.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com