Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2889 Datasheet(PDF) 4 Page - Analog Devices

Part # LTM2889
Description  LTC6820 isoSPI/Isolated CAN Arduino Shield
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2889 Datasheet(HTML) 4 Page - Analog Devices

  LTM2889 Datasheet HTML 1Page - Analog Devices LTM2889 Datasheet HTML 2Page - Analog Devices LTM2889 Datasheet HTML 3Page - Analog Devices LTM2889 Datasheet HTML 4Page - Analog Devices LTM2889 Datasheet HTML 5Page - Analog Devices LTM2889 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
dc2617afa
DEMO MANUAL DC2617A
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
2
C1, C4
Capacitor, Tantalum, 10µF ‘A’ 10V
AVX, TAJA106M010RNJ
2
1
C2
Capacitor, 1µF 20% 0508 10V X7R
Murata, LLL219R71A105MA01L
3
1
C3
Capacitor Feedthru 4.7µF 20% 10V 0805
Murata, NFM21PC475B1A3D
4
0
C5
Optional, Capacitor, X1Y1, 150pF 10% 760VAC
Vishay/VY1151K31Y5SQ63V0
5
2
C6, C7
Capacitor, 0.1µF, X7R, 25V, 10%, 0603, Automotive
Murata, GCM188R71E104KA57D
6
2
C8, C9
Capacitor, 0.01µF, X7R, 25V, 10%, 0603
Murata, GRM188R71E103KA01D
7
3
E1, E3, E5
Testpoint, Turret, 0.063"
Mill-Max, 2308-2-00-80-00-00-07-0
8
1
J1
9 Position D-Sub Receptacle, Female Sockets Connector
Assmann, A-DF 09 A/KG-T4S
9
1
J2
Conn. Header. 10POS 0.100"
Adam Tech., RS1-10-G-.561-A11596
10
2
J3, J4
Conn. Header. 8POS 0.100"
Adam Tech., RS1-08-G-.561-A11596
11
1
J5
Conn. Header. 6POS 0.100"
Adam Tech., RS1-06-G-.561-A11596
12
1
J6
Connector RJ45, CACE Code 00779
Tyco, 5406298-1
13
1
J7
Conn Header 4POS, 0.1"
Samtec, TSW-104-07-L-S
14
1
J8
Gender Changer, D-Sub9, Metal Housing, M/M, with Hex Screws Assmann, AK-610505-000-I
15
2
JP1, JP2
Header, 0.1", 2x3 Pin
Wurth Elektronik 61300621121
16
2
JP1, JP2
Connector Shunt, 0.1", 4POS (2x2)
Samtec, MNT-102-BK-G
17
1
R1
Resistor, 10k 1% 0603 1/10W
Vishay, CRCW060310K0FKEA
18
2
R10, R11
Resistor, 60.4Ω, 1/10W, 1% 0603
Vishay, CRCW060360R4FKEA
19
2
R12, R13
Resistor, 294Ω, 1/10W, 1% 0603
Vishay, CRCW0603294RFKEA
20
5
R14, R15, R16, R18, R20
Resistor, 0Ω 1% 0603
Vishay, CRCW06030000Z0EA
21
0
R17
Resistor, 0603, DNP
22
0
R19
Resistor, DNP
23
1
R2
Resistor, 56.2k 1% 0603 1/10W
Vishay, CRCW060356K2FKEA
24
1
R3
Resistor, 13k 1% 0603 1/10W
Vishay, CRCW060313K0FKEA
25
2
R4, R5
Resistor, 60.4Ω 1% 0805 1/8W
Vishay, CRCW080560R4FKEA
26
2
R6, R7
Resistor, 2k, 1/10W, 1% 0603
Vishay, CRCW06032K00FKEA
27
2
R8, R9
Resistor, 1k, 1/10W, 1% 0603
Vishay, CRCW06031K00FKEA
28
1
T1
CHOKE, Common Mode Choke Coil for Automotive, 100µH,
–30%/+50% (at 1MHz)
Murata, DLW43SH101XK2L
29
0
T2
CHOKE, Trans, DNP
30
1
T3
Transformer, Pulse, Hi Isolation
Sumida, CEEH96B
31
1
U1
CAN controller
Microchip, MCP2515-E/ST
32
1
U2
Isolated CAN Transceiver w/Isolated Power, 3.3V
Linear Tech., LTM2889HY-3#PBF
33
1
U3
isoSPI Isolated Communications Interface
Linear Tech., LTC6820HMS#PBF
34
1
Y1
Resonator 16.0MHz Ceramic
Murata, CSTCE16M0V53-R0
PARTS LIST



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com