Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2W0004YP Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2W0004YP
Description  IrDA Transceiver Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0004YP Datasheet(HTML) 2 Page - Sharp Corporation

  GP2W0004YP Datasheet HTML 1Page - Sharp Corporation GP2W0004YP Datasheet HTML 2Page - Sharp Corporation GP2W0004YP Datasheet HTML 3Page - Sharp Corporation GP2W0004YP Datasheet HTML 4Page - Sharp Corporation GP2W0004YP Datasheet HTML 5Page - Sharp Corporation GP2W0004YP Datasheet HTML 6Page - Sharp Corporation GP2W0004YP Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GP2W0004YP
s Electrical Characteristics
Parameter
Symbol
Conditions
VCC
=2.4V, I
OH
=500µA
VCC
=2.4V, I
OL
=300µA*3
BR
=9.6kb/s, 115.2kb/s*3
VCC
=5.0V, C
L
=15pF
VCC
=5.0V, C
L
=15pF
VOH, VOL, tW, tr, tf
*3
shall be satisfied at
φ≤15˚
BR
=115.2kb/s, φ≤15˚, VLEDA=3.3V *4
MIN.
TYP.
MAX.
Unit
Dissipation current at no input signal
S/D dissipation current
1.0
−
−
ns
Pules width
ICC
ICC-S
VOL2
VOH2
tw
2.4
18
18
µA
0.17
Low level output voltage
−
V
High level output voltage
1.7
1.5
V
µs
ns
Rise time
Fall time
40
−
850
tr
870
Maximum communication
distance
nm
m
tf
Radiant intensity
λ
p
Peak emission wavelength
IE
L
mW/sr
3.6
27
1
−
−
27
0.3
VCC
=5V, I
OL
=500µA*3
VOL1
0.22
−
V
0.4
−
110
130
µA
−
0.01
1.0
−
VCC
=5V, I
OH
=500µA
VOH1
4.6
4.3
V
−
−
900
(Ta
=25°C, V
CC
=3.3V)
No input light, output terminal open, VILSD
=0V
No input light, output terminal open, VIHSD
=VCC
*3 Refer to Fig.3, 4, 5
*4 Refer to Fig.6, 7, 8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com