Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152S42S100 Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part # 152S42S100
Description  MULTI-LAYER HIGH-Q CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

152S42S100 Datasheet(HTML) 2 Page - Johanson Technology Inc.

  152S42S100 Datasheet HTML 1Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 2Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 3Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 4Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 5Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 6Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 7Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 8Page - Johanson Technology Inc. 152S42S100 Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8
www.johansontechnology.com
RF Power Applications
0201 (R05)
0402
(R07S)
0603
(R14S)
0805
(R15S)
0805
(R15L)
1111
(S42E)
2525
(S48E)
3838
(S58E)
NPO
(R05L)
Capacitance
pF
Code
0.1
0R1
A
B
C
D
25/50 V
50/250 V
250 V
0.2
0R2
25/50 V
50/250 V
250 V
500V
1500V
0.3
0R3
25/50 V
50/250 V
250 V
250 V
500V
1500V
0.4
0R4
25/50 V
50/250 V
250 V
250 V
500V
1500V
0.5
0R5
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
0.6
0R6
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
0.7
0R7
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
0.8
0R8
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
0.9
0R9
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
1.0
1R0
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
1.1
1R1
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
1.2
1R2
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
1.3
1R3
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
1.4
1R4
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
1.5
1R5
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
1.6
1R6
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
1.7
1R7
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
1.8
1R8
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
1.9
1R9
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
2.0
2R0
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
2.1
2R1
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
2.2
2R2
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
2.4
2R4
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
2.7
2R7
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
3.0
3R0
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
3.3
3R3
25/50 V
50/250 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
3.6
3R6
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
3.9
3R9
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
4.3
4R3
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
4.7
4R7
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
5.1
5R1
A**
B
C
D
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
5.6
5R6
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
6.2
6R2
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
6.8
6R8
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
7.5
7R5
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
8.2
8R2
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
9.1
9R1
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
10
100
F
G
J
K
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
11
110
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
12
120
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
13
130
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
15
150
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
16
160
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
18
180
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
20
200
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
22
220
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
24
240
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
27
270
25/50 V
50/200 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
30
300
25/50 V
50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
33
330
25/50 V
50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
LOW ESR / HIGH-Q CAPACITOR SELECTION CHART
EIA Size
Cap. Value
Consult factory for Non-Standard values.
**A tolerance only available for R07S (0402) and R14S(0603) caps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com