Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152S48S100 Datasheet(PDF) 7 Page - Johanson Technology Inc.

Part # 152S48S100
Description  MULTI-LAYER HIGH-Q CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

152S48S100 Datasheet(HTML) 7 Page - Johanson Technology Inc.

Back Button 152S48S100 Datasheet HTML 3Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 4Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 5Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 6Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 7Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 8Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 9Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 10Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 11Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
13
www.johansontechnology.com
RF CHARACTERISTICS - 0402 R07S SERIES More data at: https://jtisoft.johansontechnology.com
RF CHARACTERISTICS - 0201 R05L SERIES More data at: https://jtisoft.johansontechnology.com
Resonant Frequency : 0201/R05L
1
10
100
1
10
100
Capacitance value (pF)
SRF
0201 R05L Resonant frequency
Typical values of SRF with:
Series mounting
Horizontal orientation
14 mil-thick FR4 substrate
0
50
100
150
200
250
300
0
500
1000
1500
2000
Freq (MHz)
3.0 pF
10 pF
33 pF
56 pF
100 pF
0201 R05L Equivalent Series Resistance (ESR)
Typical values
1
10
100
1000
10000
0
500
1000
1500
2000
Freq (MHz)
3.0 pF
10 pF
33 pF
56 pF
100 pF
0201 R05L Q factor
0
0.5
1
1.5
2
2.5
3
0
500
1000
1500
2000
Freq (MHz)
3 pF
10 pF
33 pF
56 pF
100 pF
Estimated maximum current based on
Ambient temperature = 65 °C
Thermal resistance of DUT on
substrate = 300°C/W
Infinite heatsink
Duty cycle=100%
0201 R05L Max Current
1
10
0.1
1
10
Capacitance value (pF)
SRF
Typical values of SRF with:
Series mounting
Horizontal orientation
16 mil-thick Rogers 4003 substrate
0402 R07S Series Resonant frequency
0
50
100
150
200
250
0
500
1000
1500
2000
Freq (MHz)
2.2 pF
5.6 pF
10 pF
15 pF
33 pF
Typical values
0402 R07S Equivalent Series Resistance (ESR)
The Series Resonant Frequency is highly dependent on the substrate,
pad dimensions, and measurement method. The above chart is for
reference only.
The Series Resonant Frequency is highly dependent on the substrate, pad
dimensions, and measurement method. The above chart is for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com