Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152S42L100 Datasheet(PDF) 4 Page - Johanson Technology Inc.

Part # 152S42L100
Description  MULTI-LAYER HIGH-Q CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

152S42L100 Datasheet(HTML) 4 Page - Johanson Technology Inc.

  152S42L100 Datasheet HTML 1Page - Johanson Technology Inc. 152S42L100 Datasheet HTML 2Page - Johanson Technology Inc. 152S42L100 Datasheet HTML 3Page - Johanson Technology Inc. 152S42L100 Datasheet HTML 4Page - Johanson Technology Inc. 152S42L100 Datasheet HTML 5Page - Johanson Technology Inc. 152S42L100 Datasheet HTML 6Page - Johanson Technology Inc. 152S42L100 Datasheet HTML 7Page - Johanson Technology Inc. 152S42L100 Datasheet HTML 8Page - Johanson Technology Inc. 152S42L100 Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
10
www.johansontechnology.com
www.johansontechnology.com
MECHANICAL & ENVIRONMENTAL CHARACTERISTICS
SPECIFICATION
TEST PARAMETERS
SOLDERABILITY:
Solder coverage ≥ 90% of metalized areas
Preheat chip to 120°-150°C for 60 sec., dip terminals in rosin flux
No termination degradation
then dip in Sn62 solder @ 240°±5°C for 5±1 sec
RESISTANCE TO
No mechanical damage
Preheat device to 80°-100°C for 60 sec.
SOLDERING HEAT:
Capacitance change: ±2.5% or 0.25pF
followed by 150°-180°C for 60 sec.
Q>500 I.R. >10 G Ohms
Dip in 260°±5°C solder for 10±1 sec.
DWV2: 2.5 x WVDC1
Measure after 24±2 hour cooling period
TERMINAL
Termination should not pull off.
Linear pull force3 exerted on axial leads soldered to each terminal.
ADHESION:
Ceramic should remain undamaged.
PCB DEFLECTION:
No mechanical damage.
Glass epoxy PCB: 2 mm deflection
Capacitance change: 5% or
0.5pF whichever is greater.
LIFE TEST:
MIL-STD-202, Method 108l
Applied voltage: 200% of WVDC1 for capacitors rated at 500 volts DC or less.
No mechanical damage
100% of WVDC1 for capacitors rated at 1250 volts DC or less.
Capacitance change: ±3.0% or 0.3 pF
Temperature: 125°±3°C
Q>500 I.R. >1 G Ohms
Test time: 1000+48-0 hours
DWV2: 2.5 x WVDC1
THERMAL CYCLE:
No mechanical damage.
5 cycles of: 30±3 minutes @ -55°+0/-3°C,
Capacitance change: ±2.5% or 0.25pF
2-3 min. @ 25°C, 30±3 min. @ +125°+3/-0°C,
Q>2000 I.R. >10 G Ohms
2-3 min. @ 25°C
DWV2: 2.5 x WVDC1
Measure after 24±2 hour cooling period
HUMIDITY,
No mechanical damage.
Relative humidity: 90-95%
STEADY STATE:
Capacitance change: ±5.0% or 0.50pF max.
Temperature: 40°±2°C
Q>300 I.R. ≥ 1 G-Ohm
Test time: 500 +12/-0 Hours
DWV2: 2.5 x WVDC1
Measure after 24±2 hour cooling period
HUMIDITY,
No mechanical damage.
Applied voltage: 1.5 VDC, 50 mA max.
LOW VOLTAGE:
Capacitance change: ±5.0% or 0.50pF max.
Relative humidity: 85±2% Temperature: 40°±2°C
Q>300 I.R. = 1 G-Ohm min.
Test time: 240 +12/-0 Hours
DWV2: 2.5 x WVDC1
Measure after 24±2 hour cooling period
VIBRATION:
No mechanical damage.
Capacitance change: ±2.5% or 0.25pF
Cycle performed for 2 hours in each of three perpendicular directions
Q>1000 I.R. ≥ 10 G-Ohm
Frequency range 10Hz to 55 Hz to 10 Hz traversed
DWV2: 2.5 x WVDC1
in 1 minute. Harmonic motion amplitude: 1.5mm
DIELECTRIC CHARACTERISTICS
NPO
0 ± 30ppm /°C, -55 to 125°C
Q
>1,000 @ 1KHz (C>1,000pF), Typical 10,000 (C<1,000 pF)
>100 G @ 25°C,WVDC1;
125°C IR is 10% of 25°C rating
1MHz ±50kHz, 1.0±0.2VRMS for capacitance values ≤ 1,000pF
1kHZ ±50Hz, 1.0±0.2VRMS for capacitance values > 1,000pF
500 V ≤ 2.5 X WVDC1 Min., 25°C, 50 mA max
1000 V ≤ 1.5 X WVDC1 Min., 25°C, 50 mA max
> 1500 = 1.2 X WVDC1 Min., 25°C, 50 mA max
TEMPERATURE COEFFICIENT:
QUALITY FACTOR / DF:
INSULATION RESISTANCE:
TEST PARAMETERS:
DIELECTRIC STRENGTH:
Size 1111: 0.2 - 1000 pF
Size 2525: 1.0 - 2700 pF
Size 3838: 1.0 - 5100 pF
AVAILABLE CAPACITANCE:
Size 0201:
0.2 - 100 pF
Size 0402:
0.2 - 33 pF
Size 0603:
0.2 - 100 pF
Size 0805:
0.3 - 220 pF
1 - WVDC - Working Voltage DC.
2 - DWV - Dielectric Withstanding Voltage.
3 - 0402 ≥ 2.0lbs, 0603 ≥ 4.0lbs (min).
AEC-Q200: Qualication required for automotive application - Not available for all series - Call factory for info.
*ON REQUEST, WE CAN EXTEND THE HIGHEST TEMPERATURE TO +150° C FOR ANY OF OUR HIGHQ SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com