Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

152S42G100 Datasheet(PDF) 1 Page - Johanson Technology Inc.

Part # 152S42G100
Description  MULTI-LAYER HIGH-Q CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

152S42G100 Datasheet(HTML) 1 Page - Johanson Technology Inc.

  152S42G100 Datasheet HTML 1Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 2Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 3Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 4Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 5Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 6Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 7Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 8Page - Johanson Technology Inc. 152S42G100 Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
7
www.johansontechnology.com
These lines of multilayer capacitors have been developed for
High-Q and microwave applications.
•
The S-Series (R07S, R14S, R15S) capacitors give an ultra-
high Q performance, and exhibit NP0 temperature characteris-
tics.
•
The L-Series (R05L) capacitors give mid-high Q performance,
and exhibit NP0 temperature characteristics.
•
The E-Series (S42E, S48E, S58E) capacitors give excellent
high-Q performance from HF to Microwave frequencies.
Typical uses are high voltage, high current applications. These are
o ered in various terminations styles.
•
RoHS compliance is standard for all unleaded parts (see
termination options box).
•
Automotive versions (AEC-Q200) of R05L, R07S, R14S,
R15S, and S42E series are available on request
MULTI-LAYER HIGH-Q CAPACITORS
HOW TO ORDER
Part Number written:
252S48E470KU4E
WVDC2
250 = 25 V
500 = 50V
201 = 200 V
251 = 250 V
501 = 500 V
102 = 1000 V
152 = 1500 V
252 = 2500 V
362 = 3600 V
722 = 7200 V
252
CASE SIZE
R05 (0201)
R07 (0402)
R14 (0603)
R15 (0805)
S42 (1111)
S48 (2525)
S58 (3838)
S48
470
TOLERANCE
< 10pF
A = ± 0.05 pF
B = ± 0.10 pF
C = ± 0.25 pF
D = ± 0.50 pF
≥ 10pF
F = ±1 %
G = ±2%
J = ±5%
K = ± 10%
For tolerance
availability, see
chart.
K
MARKING
3 = Cap Code
& Tolerance
4 = No Marking
6 = EIA Code
(Marking option is only available
on 0805 and larger case sizes)
4
TERMINATION
Nickel Barrier
V = Ni/Sn (Green)
T = Ni/SnPb
G = Ni/Au (Green)
Non-Mag1
U = Cu/Sn (Green)
C = Cu/SnPb
Leaded (All Non-
Mag)1
1 = Microstrip
2 = Axial Ribbon
3 = Axial Wire
4 = Radial Ribbon
5 = Radial Wire
U
CAPACITANCE (pF)
1st two digits are
signicant; third digit
denotes number of
zeros, R = decimal.
100 = 10 pF
101 = 100 pF
PACKAGING
S = Bulk
W = Waffle Pack
0201 - 0603
Y = Paper 5” Reel
T = Paper 7” Reel
R1 = Paper 13” Reel
0805 - 3838
Z = Embossed 5” Reel
E = Embossed 7” Reel
U1 = Embossed 13” Reel
M1 = Embossed 5” Reel -
Horizontally Oriented Electrodes
Q1 = Embossed 5” Reel -
Vertically Oriented Electrodes
G1 = Embossed 7” Reel -
Horizontally Oriented Electrodes
P1 = Embossed 7” Reel -
Vertically Oriented Electrodes
Tape specifications
conform to EIA RS481
E
DIELECTRIC
S = Ultra High Q NPO
L = High Q NPO
E = Ultra High Q NPO,
High Voltage, High
Power
G = Fully Oriented,
Ultra High-Q NPO
E
1 - Not available for all MLCC - Call factory for info.
2 - WVDC - Working Voltage DC.
3
-Qualication required for automotive application, Not available for all series - Call factory for info.
QUALIFICATION
AEC-Q200
qualification 3
(optional)
-AEC


Similar Part No. - 152S42G100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
152S470XXXX VISHAY-152S470XXXX Datasheet
324Kb / 4P
7/8" (22.2 mm) Single Turn Wirewound, Precision Potentiometer
27-Mar-15
More results

Similar Description - 152S42G100

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
252S48E470KV4E JOHANSON-252S48E470KV4E Datasheet
891Kb / 11P
Multi-Layer High-Q Capacitors
252S48E470KV4E JOHANSON-252S48E470KV4E_13 Datasheet
713Kb / 12P
MULTI-LAYER HIGH-Q CAPACITORS
250R05L3R3CV4T JOHANSON-250R05L3R3CV4T Datasheet
713Kb / 12P
MULTI-LAYER HIGH-Q CAPACITORS
251R14S0R3BV4T JOHANSON-251R14S0R3BV4T Datasheet
713Kb / 12P
MULTI-LAYER HIGH-Q CAPACITORS
251R15S3R3CV4E JOHANSON-251R15S3R3CV4E Datasheet
713Kb / 12P
MULTI-LAYER HIGH-Q CAPACITORS
500R07S1R3BV4T JOHANSON-500R07S1R3BV4T Datasheet
499Kb / 11P
MULTI-LAYER HIGH-Q CAPACITORS
250R05L0R5AV4T JOHANSON-250R05L0R5AV4T Datasheet
690Kb / 12P
MULTI-LAYER HIGH-Q CAPACITORS
logo
RUBYCON CORPORATION
16ST335MB33225 RUBYCON-16ST335MB33225 Datasheet
169Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16MU224MZ22012 RUBYCON-16MU224MZ22012 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
16MU225MB23225 RUBYCON-16MU225MB23225 Datasheet
198Kb / 2P
POLYMER MULTI-LAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com