Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD57120 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SD57120
Description  RF POWER TRANSISTORS The LdmoSTFAMILY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57120 Datasheet(HTML) 2 Page - STMicroelectronics

  SD57120 Datasheet HTML 1Page - STMicroelectronics SD57120 Datasheet HTML 2Page - STMicroelectronics SD57120 Datasheet HTML 3Page - STMicroelectronics SD57120 Datasheet HTML 4Page - STMicroelectronics SD57120 Datasheet HTML 5Page - STMicroelectronics SD57120 Datasheet HTML 6Page - STMicroelectronics SD57120 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ELECTRICAL SPECIFICATION (Tcase =25
oC)
STATIC (Per Section)
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
V(BR)DSS
VGS =0V
IDS =10 mA
65
V
IDSS
VGS =0V
VDS =28 V
1
µA
IGSS
VGS = 20V
VDS =0 V
1
µA
VGS(Q)
VDS = 28V
ID =100 mA
3. 0
5.0
V
VDS( ON)
VGS = 10V
ID =3 A
0.7
0.8
V
GFS
VDS = 10V
ID =3 A
3
mho
CISS*VGS =0V
VDS = 28 V
f = 1 MHz
175
pF
COSS
VGS =0V
VDS = 28V
f = 1MHz
44
pF
CRSS
VGS =0V
VDS = 28V
f = 1MHz
1.7
pF
* Includes Internal Input Moscap.
DYNAMIC
Symb ol
Parameter
Mi n.
Typ .
Max.
Un it
POUT
VDD = 28V
f = 960 MHz
IDQ = 800 mA
120
W
GPS
VDD =28 V
Pout =120 W
IDQ = 800 mA
13
14
dB
ηD
VDD =28 V
Pout = 120W
IDQ = 800 mA
50
%
Load
Mismatch
f = 960 MHz
VDD =28 V
Pout = 120 W
IDQ =800 mA
ALL PHASE ANGLES
10: 1
VSW R
IMPEDANCE DATA
FREQ .
ZIN (
Ω)ZDL (Ω)
945 MHz
3.9 + j 4. 9
3.6 - j 5.1
960 MHz
4. 1 - j 4.6
3.24 - j 4.74
980 MHz
3.9 + j 5. 2
3. 27 - j 6.9
Measured gate to gate and drain to drain respectively.
SD57120
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com