Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT2S-C Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # PLT2S-C
Description  Pan-Ty NATURAL NYLON 6.6 CABLE TIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLT2S-C Datasheet(HTML) 2 Page - PANDUIT CORP.

  PLT2S-C Datasheet HTML 1Page - PANDUIT CORP. PLT2S-C Datasheet HTML 2Page - PANDUIT CORP. PLT2S-C Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PLT8H-L
779
8.9
229
778
50
PLT13H-Q
1100
8.9
330
778
25
Thousand Packs
PLT1M-M
99
2.5
22
80
1,000
PLT1.5I-M
142
3.6
35
178
1,000
PLT2S-M
188
4.8
48
222
1,000
PLT4S-M
368
4.8
102
222
1,000
• One piece construction with multiple locking tooth design for consistent performance, greater strength and reliability
• High loop tensile strength exceeds industry standards
• UL Listed
• Lowest threading force of any one piece cable tie in the industry
• Bundle diameters up to 13" (330mm) or join together for larger diameters
• Miniature to standard cross sections feature a curved tip for easy threading and handling
• Finger tip grip assures positive grip & prevents tip from slipping out of head during threading
Pan-Ty ® WEATHER RESISTANT NYLON 6.6 CABLE TIES
Part Number
Length (mm)
Width
(mm)
Max. Bundle
Dia. (mm)
Min. Loop
Tensile Str. (N)
Std. Pkg.
Qty.
Sub-Miniature
PLT.6SM-C0
71
1.8
15
36
100
Miniature
PLT1M-C0
99
2.5
22
80
100
PLT1.5M-C0
142
2.5
32
80
100
PLT2M-C0
203
2.5
51
80
100
Intermediate
PLT1.5I-C0
142
3.6
35
178
100
PLT2I-C0
203
3.6
51
178
100
PLT2.5I-C0
246
3.7
64
178
100
CPLT-WR-B.jpg
PLT3I-C0
290
3.7
76
178
100
PLT4I-C0
368
3.7
102
178
100
Standard
PLT1S-C0
122
4.8
25
222
100
PLT1.5S-C0
157
4.8
38
222
100
PLT2S-C0
188
4.8
48
222
100
PLT2.5S-C0
249
4.8
64
222
100
PLT3S-C0
292
4.8
76
222
100
PLT4S-C0
368
4.8
102
222
100
PLT4.5S-C0
394
4.8
114
222
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com