Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLCSM3.0BL Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # FLCSM3.0BL
Description  LC Fiber Optic Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FLCSM3.0BL Datasheet(HTML) 2 Page - PANDUIT CORP.

  FLCSM3.0BL Datasheet HTML 1Page - PANDUIT CORP. FLCSM3.0BL Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2015 Panduit Corp.
ALL RIGHTS RESERVED.
FBSP13--WW-ENG
3/2015
LC Fiber Optic Connectors
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
For a copy of Panduit product warranties, log on to www.panduit.com/warranty
PANDUIT CANADA
Markham, Ontario
cs-cdn@panduit.com
Phone: 800.777.3300
PANDUIT EUROPE LTD.
London, UK
cs-emea@panduit.com
Phone: 44.20.8601.7200
PANDUIT JAPAN
Tokyo, Japan
cs-japan@panduit.com
Phone: 81.3.6863.6000
PANDUIT SINGAPORE PTE. LTD.
Republic of Singapore
cs-ap@panduit.com
Phone: 65.6305.7575
PANDUIT AUSTRALIA PTY. LTD.
Victoria, Australia
cs-aus@panduit.com
Phone: 61.3.9794.9020
PANDUIT LATIN AMERICA
Guadalajara, Mexico
cs-la@panduit.com
Phone: 52.33.3777.6000
Contact Customer Service by email: cs@panduit.com
or by phone: 800.777.3300
Visit us at www.panduit.com
For more information
Dimensions are in inches [Dimensions in brackets are in millimeters].
performance information
Test Parameter
Description
Result
Qualification test suite
(TIA/EIA-568-B.3 requirements)
Complete testing protocol per TIA/EIA-568-B.3
using TIA/EIA FOTPs that include mechanical,
environmental and optical test sequences
Compliant; exceeds
TIA/EIA-568-B.3 requirements
Connector intermatability
Dimensional and material compliance to
TIA/EIA standards
All connectors are FOCIS compatible with
TIA/EIA-604-3
*All connector insertion loss values calculated from tests taken with precision launch jumper assemblies per TIA/EIA-FOTP-171.
selection information
Part Number
Connector
Type
Cable Type
Fiber
Ferrule
Housing
Color
Boot
Color
Average
Insertion Loss**
Return
Loss
FLCSMEIY
Simplex
900μm buffered fiber and
1.6mm – 2.0mm jacketed cable
OM1
Multimode
Zirconia
Ceramic
Electric
Ivory
Electric
Ivory
0.1dB
>20
FLCSM3.0EI
Simplex
3.0mm jacketed cable
FLCDMEIY
Duplex
1.6mm – 2.0mm jacketed cable
FLCDM900EIY
Duplex
900μm buffered fiber
FLCDM3.0EI
Duplex
3.0mm jacketed cable
FLCSMBLY
Simplex
900μm buffered fiber and
1.6mm – 2.0mm jacketed cable
OM2, OM3,
OM4
Multimode
Zirconia
Ceramic
Black
Aqua
0.1dB
>20
FLCSM3.0BL
Simplex
3.0mm jacketed cable
FLCDMBLY
Duplex
1.6mm – 2.0mm jacketed cable
FLCDM900BLY
Duplex
900μm buffered fiber
FLCDM3.0BL
Duplex
3.0mm jacketed cable
FLCSSBUY
Simplex
900μm buffered fiber and
1.6mm – 2.0mm jacketed cable
Singlemode Zirconia
Ceramic
Blue
Blue
0.1dB
>40
FLCSS3.0BU
Simplex
3.0mm jacketed cable
FLCDSBUY
Duplex
1.6mm – 2.0mm jacketed cable
FLCDS900BUY
Duplex
900μm buffered fiber
FLCDS3.0BU
Duplex
3.0mm jacketed cable
1.86
[47.2]
1.60
[40.6]
LC SimpLex ConneCtorS
For 900µm BuFFered FiBer or 1.6mm – 2.0mm JaCketed CaBLe
For 900µm BuFFered FiBer
0.25
[6.35]
FLCSMEIY, FLCSSBUY
FLCDM900EIY, FLCDS900BUY
1.60
[40.6]
0.25
[6.35]
FLCDMEIY, FLCDSBUY
1.86
[47.2]
For 3.0mm JaCketed CaBLe
For 1.6mm – 2.0mm JaCketed CaBLe
For 3.0mm JaCketed CaBLe
FLCDM3.0EI, FLCDS3.0BU
LC dupLex ConneCtorS
FLCSM3.0EI, FLCSS3.0BU
1.86
[47.2]
0.25
[6.35]
1.86
[47.2]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com